Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VC16241ADGG Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce VC16241ADGG
Description  16-bit buffer/line driver 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VC16241ADGG Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button VC16241ADGG Datasheet HTML 2Page - NXP Semiconductors VC16241ADGG Datasheet HTML 3Page - NXP Semiconductors VC16241ADGG Datasheet HTML 4Page - NXP Semiconductors VC16241ADGG Datasheet HTML 5Page - NXP Semiconductors VC16241ADGG Datasheet HTML 6Page - NXP Semiconductors VC16241ADGG Datasheet HTML 7Page - NXP Semiconductors VC16241ADGG Datasheet HTML 8Page - NXP Semiconductors VC16241ADGG Datasheet HTML 9Page - NXP Semiconductors VC16241ADGG Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Philips Semiconductors
Product specification
74LVC16241A
16-bit buffer/line driver (3-State)
1997 Jul 29
8
TSSOP48:
plastic thin shrink small outline package; 48 leads; body width 6.1mm
SOT362-1



Html Pages

1 2 3 4 5 6 7 8 9 10