Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PQ012 Fiches technique(PDF) 5 Page - Pico Technology Ltd.

No de pièce PQ012
Description  Ultra-compact PC oscilloscopes
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PICO [Pico Technology Ltd.]
Site Internet  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ012 Fiches technique(HTML) 5 Page - Pico Technology Ltd.

  PQ012 Datasheet HTML 1Page - Pico Technology Ltd. PQ012 Datasheet HTML 2Page - Pico Technology Ltd. PQ012 Datasheet HTML 3Page - Pico Technology Ltd. PQ012 Datasheet HTML 4Page - Pico Technology Ltd. PQ012 Datasheet HTML 5Page - Pico Technology Ltd. PQ012 Datasheet HTML 6Page - Pico Technology Ltd. PQ012 Datasheet HTML 7Page - Pico Technology Ltd. PQ012 Datasheet HTML 8Page - Pico Technology Ltd. PQ012 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
PicoScope 2000 Series oscilloscopes
PicoScope 6 software
The PicoScope software display can be as basic or as detailed as you need. Begin with a single view of one channel, and then expand the display to include up to four live channels
(model-dependent), plus math channels and reference waveforms. Display multiple scope and spectrum views with automatic or custom layouts and quickly access all the most
frequently-used controls from the toolbars, leaving the display clear for your waveforms.
Tools menu: Set up custom
probes, serial decoding, reference
waveforms, mask tests, alarms
and macros from the Tools menu.
Buffer Navigation toolbar: PicoScope
can record up to 10 000 of your most
recent waveforms. Click through the
buffer to look for intermittent events,
or use the Buffer Overview thumbnails.
Zooming and Scrolling
toolbar: It’s easy to zoom in on
waveforms, with straightforward
zoom-in, zoom-out and pan tools.
Signal generator:
Generates standard
signals or arbitrary
waveforms. Includes
frequency sweep mode.
Ruler legend: Absolute
and differential ruler
measurements are
listed here.
Rulers: Each axis has
two rulers that you
can drag across the
screen to make quick
measurements.
Zoom Overview
window: Click and drag
for quick navigation
and adjustment of
zoomed views.
Auto Setup button:
Let PicoScope configure
the collection time
and input range for a
correctly scaled display.
Spectrum view: View frequency-domain
data alongside time-domain waveforms
or in the dedicated spectrum mode.
Channel options:
Adjust settings specific
to each channel here.
Trigger marker: Drag
the marker to adjust
the trigger threshold
and pre-trigger time.
Adjustable axes: Move the vertical
axes up and down the display and vary
their scale and offset. PicoScope can
also rearrange the axes automatically.
Trigger toolbar: Quick access to
the main controls, with advanced
triggers in a pop-up window.
Automatic measurements: Add as many
calculated time- and frequency-domain
measurements as you need, along with
statistical parameters showing their variability.
Touchscreen controls:
Handy buttons make
fine adjustment easy on
touchscreen devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com