Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2000SERIES Fiches technique(PDF) 9 Page - Pico Technology Ltd.

No de pièce 2000SERIES
Description  Ultra-compact PC oscilloscopes
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PICO [Pico Technology Ltd.]
Site Internet  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

2000SERIES Fiches technique(HTML) 9 Page - Pico Technology Ltd.

Back Button 2000SERIES Datasheet HTML 5Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 6Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 7Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 8Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 9Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 10Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 11Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 12Page - Pico Technology Ltd. 2000SERIES Datasheet HTML 13Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
PicoScope 2000 Series oscilloscopes
Waveform buffer and navigator
Ever spotted a glitch on a waveform, but by the time you’ve stopped the scope it’s gone? With
PicoScope you no longer need to worry about missing glitches or other transient events, as it can
store the last 10 000 waveforms in its circular waveform buffer.
The buffer navigator provides an efficient way of navigating and searching through waveforms,
effectively letting you turn back time. When carrying out a mask limit test, you can also set the
navigator to show only mask fails, enabling you to find any glitches quickly.
Mask limit testing
Mask limit testing allows you to compare live signals against known good signals, and is designed for production and debugging environments. Simply capture a known good
signal, generate a mask around it and then use the alarms to automatically save any waveform (complete with a time stamp) that violates the mask. PicoScope 6 will capture any
intermittent glitches and show a failure count in the Measurements window (which you can still use for other measurements). You can also set the waveform buffer navigator to
show only mask fails, enabling you to find any glitches quickly.
Mask files are easy to edit (numerically or graphically), import and export, and you can simultaneously run mask limit tests on multiple channels and in multiple viewports.
Alarms
You can program PicoScope 6 to execute actions when
certain events occur.
The events that can trigger an alarm include mask limit
fails, trigger events and buffers full.
PicoScope 6 actions include saving a file, playing a
sound, executing a program and triggering the arbitrary
waveform generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27