Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M25P20-VMP1TG/X Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce M25P20-VMP1TG/X
Description  2 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P20-VMP1TG/X Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button M25P20-VMP1TG/X Datasheet HTML 14Page - STMicroelectronics M25P20-VMP1TG/X Datasheet HTML 15Page - STMicroelectronics M25P20-VMP1TG/X Datasheet HTML 16Page - STMicroelectronics M25P20-VMP1TG/X Datasheet HTML 17Page - STMicroelectronics M25P20-VMP1TG/X Datasheet HTML 18Page - STMicroelectronics M25P20-VMP1TG/X Datasheet HTML 19Page - STMicroelectronics M25P20-VMP1TG/X Datasheet HTML 20Page - STMicroelectronics M25P20-VMP1TG/X Datasheet HTML 21Page - STMicroelectronics M25P20-VMP1TG/X Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
Instructions
M25P20
18/50
6.2
Write Disable (WRDI)
The Write Disable (WRDI) instruction (Figure 8) resets the Write Enable Latch (WEL) bit.
The Write Disable (WRDI) instruction is entered by driving Chip Select (S) Low, sending the
instruction code, and then driving Chip Select (S) High.
The Write Enable Latch (WEL) bit is reset under the following conditions:
●
Power-up
●
Write Disable (WRDI) instruction completion
●
Write Status Register (WRSR) instruction completion
●
Page Program (PP) instruction completion
●
Sector Erase (SE) instruction completion
●
Bulk Erase (BE) instruction completion
Figure 8.
Write Disable (WRDI) Instruction Sequence
C
D
AI03750D
S
Q
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50