Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7LVC125APWDH Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce 7LVC125APWDH
Description  Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

7LVC125APWDH Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button 7LVC125APWDH Datasheet HTML 2Page - NXP Semiconductors 7LVC125APWDH Datasheet HTML 3Page - NXP Semiconductors 7LVC125APWDH Datasheet HTML 4Page - NXP Semiconductors 7LVC125APWDH Datasheet HTML 5Page - NXP Semiconductors 7LVC125APWDH Datasheet HTML 6Page - NXP Semiconductors 7LVC125APWDH Datasheet HTML 7Page - NXP Semiconductors 7LVC125APWDH Datasheet HTML 8Page - NXP Semiconductors 7LVC125APWDH Datasheet HTML 9Page - NXP Semiconductors 7LVC125APWDH Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Philips Semiconductors
Product specification
74LVC125A
Quad buffer/line driver with 5-volt tolerant
inputs/outputs (3-State)
1998 Apr 28
9
TSSOP14:
plastic thin shrink small outline package; 14 leads; body width 4.4 mm
SOT402-1



Html Pages

1 2 3 4 5 6 7 8 9 10