Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6234PD Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce L6234PD
Description  Three phase motor driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6234PD Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button L6234PD Datasheet HTML 8Page - STMicroelectronics L6234PD Datasheet HTML 9Page - STMicroelectronics L6234PD Datasheet HTML 10Page - STMicroelectronics L6234PD Datasheet HTML 11Page - STMicroelectronics L6234PD Datasheet HTML 12Page - STMicroelectronics L6234PD Datasheet HTML 13Page - STMicroelectronics L6234PD Datasheet HTML 14Page - STMicroelectronics L6234PD Datasheet HTML 15Page - STMicroelectronics L6234PD Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Mechanical data
L6234
14/16
Doc ID 1107 Rev 10
Figure 17.
PowerDIP20 mechanical drawing
Table 8.
PowerDIP20 mechanical data
Dim.
mm
Min.
Typ.
Max.
a1
0.51
B
0.85
1.40
b
0.50
b1
0.38
0.50
D
24.80
E
8.80
e
2.54
e3
22.86
F
7.10
I
5.10
L
3.30
Z
1.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16