Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC68331MFC16 Fiches technique(PDF) 46 Page - NXP Semiconductors

No de pièce MC68331MFC16
Description  Technical Summary 32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68331MFC16 Fiches technique(HTML) 46 Page - NXP Semiconductors

Back Button MC68331MFC16 Datasheet HTML 42Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 43Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 44Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 45Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 46Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 47Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 48Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 49Page - NXP Semiconductors MC68331MFC16 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
46
MC68331TS/D
4.6 Instruction Set Summary
Table 20 Instruction Set Summary
Instruction
Syntax
Operand Size
Operation
ABCD
Dn, Dn
− (An), − (An)
8
8
Source10 + Destination10 + X ⇒ Destination
ADD
Dn, <ea>
<ea>, Dn
8, 16, 32
8, 16, 32
Source
+ Destination ⇒ Destination
ADDA
<ea>, An
16, 32
Source
+ Destination ⇒ Destination
ADDI
#<data>, <ea>
8, 16, 32
Immediate data
+ Destination ⇒ Destination
ADDQ
# <data>, <ea>
8, 16, 32
Immediate data
+ Destination ⇒ Destination
ADDX
Dn, Dn
− (An), − (An)
8, 16, 32
8, 16, 32
Source
+ Destination + X ⇒ Destination
AND
<ea>, Dn
Dn, <ea>
8, 16, 32
8, 16, 32
Source
• Destination ⇒ Destination
ANDI
# <data>, <ea>
8, 16, 32
Data
• Destination ⇒ Destination
ANDI to CCR
# <data>, CCR
8
Source
• CCR ⇒ CCR
ANDI to SR11
# <data>, SR
16
Source
• SR ⇒ SR
ASL
Dn, Dn
# <data>, Dn
<ea>
8, 16, 32
8, 16, 32
16
ASR
Dn, Dn
# <data>, Dn
<ea>
8, 16, 32
8, 16, 32
16
Bcc
label
8, 16, 32
If condition true, then PC
+ d ⇒ PC
BCHG
Dn, <ea>
# <data>, <ea>
8, 32
8, 32
BCLR
Dn, <ea>
# <data>, <ea>
8, 32
8, 32
0
⇒ bit of destination
BGND
none
none
If background mode enabled, then enter background
mode, else format/vector
⇒ − (SSP);
PC
⇒ − (SSP); SR ⇒ − (SSP); (vector) ⇒ PC
BKPT
# <data>
none
If breakpoint cycle acknowledged, then execute
returned operation word, else trap as illegal instruction
BRA
label
8, 16, 32
PC
+ d ⇒ PC
BSET
Dn, <ea>
# <data>, <ea>
8, 32
8, 32
1
⇒ bit of destination
BSR
label
8, 16, 32
SP
− 4 ⇒ SP; PC ⇒ (SP); PC + d ⇒ PC
BTST
Dn, <ea>
# <data>, <ea>
8, 32
8, 32
CHK
<ea>, Dn
16, 32
If Dn < 0 or Dn > (ea), then CHK exception
CHK2
<ea>, Rn
8, 16, 32
If Rn < lower bound or Rn > upper bound, then
CHK exception
CLR
<ea>
8, 16, 32
0
⇒ Destination
CMP
<ea>, Dn
8, 16, 32
(Destination
− Source), CCR shows results
CMPA
<ea>, An
16, 32
(Destination
− Source), CCR shows results
CMPI
# <data>, <ea>
8, 16, 32
(Destination
− Data), CCR shows results
X/C
0
X/C
bit number
〉of destination)
Z
bit of destinatio
⇒⇒
bit number
〈〉of destination
()
Z
bit number
〈〉of destination
()
Z;
⇒
bit number
〈〉of destination
()
Z
⇒
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84