| Moteur de recherche de fiches techniques de composants électroniques |
|
74LVC11D Fiches technique(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC11D Fiches technique(HTML) 5 Page - NXP Semiconductors |
|
5 / 10 page ![]() Philips Semiconductors Product specification 74LVC11 Triple 3-input AND gate 1998 Apr 28 5 AC CHARACTERISTICS GND = 0 V; tr = tf v 2.5 ns; CL = 50 pF; RL = 500W; Tamb = –40_C to +85_C LIMITS SYMBOL PARAMETER WAVEFORM VCC = 3.3V ±0.3V VCC = 2.7V UNIT MIN TYP1 MAX MIN MAX tPHL/tPLH Propagation delay nA, nB, nC to nY 1, 2 – 3.7 6.2 – 7.0 ns NOTE: 1. These typical values are at VCC = 3.3V and Tamb = 25°C. AC WAVEFORMS VM = 1.5 V at VCC w 2.7 V VM = 0.5 S VCC at VCC < 2.7 V VOL and VOH are the typical output voltage drop that occur with the output load. SV00423 VM nA, nB, nC INPUT nY OUTPUT VM tPLH tPHL GND Vl VOL VOH Waveform 1. Input (nA, nB, nC) to output (nY) propagation delays. TEST CIRCUIT SWITCH POSITION PULSE GENERATOR RT VI D.U.T. VO CL VCC 500 Ω Open GND S1 VCC VI < 2.7V VCC TEST S1 tPLH/tPHL Open 2.7V 2.7–3.6V 50pF 500 Ω 2 * VCC SV00903 Waveform 2. Load circuitry for switching times. |