| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56307/D Fiches technique(PDF) 2 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56307/D Fiches technique(HTML) 2 Page - Motorola, Inc |
|
2 / 156 page ![]() ii DSP56307 Technical Data MOTOROLA TABLE OF CONTENTS SECTION 1 SIGNALS/CONNECTIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-1 SECTION 2 SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2-1 SECTION 3 PACKAGING . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-1 SECTION 4 DESIGN CONSIDERATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . 4-1 SECTION 5 ORDERING INFORMATION . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5-1 APPENDIX A POWER CONSUMPTION BENCHMARK . . . . . . . . . . . . . . . . . . A-1 INDEX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Index-1 Data Sheet Conventions OVERBAR Used to indicate a signal that is active when pulled low (For example, the RESET pin is active when low.) ÒassertedÓ Means that a high true (active high) signal is high or that a low true (active low) signal is low ÒdeassertedÓ Means that a high true (active high) signal is low or that a low true (active low) signal is high Examples: Signal/Symbol Logic State Signal State Voltage* PIN True Asserted VIL/VOL PIN False Deasserted VIH/VOH PIN True Asserted VIH/VOH PIN False Deasserted VIL/VOL Note: *Values for VIL, VOL, VIH, and VOH are defined by individual product specifications. FOR TECHNICAL ASSISTANCE: Telephone: 1-800-521-6274 Email: dsphelp@dsp.sps.mot.com Internet: http://www.motorola-dsp.com Not Recommended for New Design |