| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC2292 Fiches technique(PDF) 14 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2292 Fiches technique(HTML) 14 Page - Linear Technology |
|
14 / 28 page ![]() LTC2293/LTC2292/LTC2291 14 229321f Dual Digital Output Bus Timing (Only One Channel is Shown) TI I G DIAGRA S tAP N + 1 N + 2 N + 4 N + 3 N + 5 N ANALOG INPUT tH tD tL N – 5 N – 4 N – 3 N – 2 CLK D0-D11, OF 229321 TD01 N – 6 N – 1 Multiplexed Digital Output Bus Timing tAPB B + 1 B + 2 B + 4 B + 3 B ANALOG INPUT B tAPA A + 1 A – 6 B – 6 B – 6 A – 6 A – 5 B – 5 B – 5 A – 5 A – 4 B – 4 B – 4 A – 4 A – 3 B – 3 B – 3 A – 3 A – 2 B – 2 A + 2 A + 4 A + 3 A ANALOG INPUT A tH tD tMD tL CLKA = CLKB = MUX D0A-D11A, OFA 229321 TD02 D0B-D11B, OFB |