| Moteur de recherche de fiches techniques de composants électroniques |
|
AT49LL080 Fiches technique(PDF) 28 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT49LL080 Fiches technique(HTML) 28 Page - ATMEL Corporation |
|
28 / 31 page ![]() 28 AT49LL080 3273C–FLASH–5/03 AT49LL080 Ordering Information I CC (mA) Ordering Code Package Operation Range Active Standby 67 0.10 AT49LL080-33JC AT49LL080-33TC 32J 40T Extended Commercial (0 ° to 85° C) Package Type 32J 32-lead, Plastic J-leaded Chip Carrier Package (PLCC) 40T 40-lead, Plastic Thin Small Outline Package, Type I (TSOP) |