| Moteur de recherche de fiches techniques de composants électroniques |
|
SMTPA68 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SMTPA68 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 10 page ![]() SMP50 / SMTPA / TPA 2/10 Table 2: In compliances with the following standards Table 3: Absolute Ratings (Tamb = 25°C) STANDARD Peak Surge Voltage (V) Waveform Voltage Required peak current (A) Current waveform Minimum serial resistor to meet standard ( Ω) GR-1089 Core First level 2500 1000 2/10 µs 10/1000 µs 500 100 2/10 µs 10/1000 µs 20 10 GR-1089 Core Second level 5000 2/10 µs 500 2/10 µs 40 GR-1089 Core Intra-building 1500 2/10 µs 100 2/10 µs 0 ITU-T-K20/K21 6000 1500 10/700 µs 150 37.5 5/310 µs 53 0 ITU-T-K20 (IEC61000-4-2) 8000 15000 1/60 ns ESD contact discharge ESD air discharge 0 0 VDE0433 4000 2000 10/700 µs 100 50 5/310 µs 21.5 0 VDE0878 4000 2000 1.2/50 µs 100 50 1/20 µs 0 0 IEC61000-4-5 4000 4000 10/700 µs 1.2/50 µs 100 100 5/310 µs 8/20 µs 21.5 0 FCC Part 68, lightning surge type A 1500 800 10/160 µs 10/560 µs 200 100 10/160 µs 10/560 µs 12.5 6.5 FCC Part 68, lightning surge type B 1000 9/720 µs 25 5/320 µs 0 Symbol Parameter Value Unit IPP Repetitive peak pulse current (see figure 2) 10/1000 µs 8/20 µs 10/560 µs 5/310 µs 10/160 µs 1/20 µs 2/10 µs 50 100 55 65 75 100 100 A IFS Fail-safe mode : maximum current (note 1) 8/20 µs 2.5 kA ITSM Non repetitive surge peak on-state current (sinusoidal) t = 0.2 s t = 1 s t = 2 s t = 15 mn 16 11.5 10 3.5 A I2tI2t value for fusing t = 16.6 ms t = 20 ms 6.2 6.5 A2s Tstg Tj Storage temperature range Maximum junction temperature -55 to 150 150 °C TL Maximum lead temperature for soldering during 10 s. 260 °C Note 1: in fail safe mode, the device acts as a short circuit |