Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC705JB2GRS/H Fiches technique(PDF) 96 Page - NXP Semiconductors

No de pièce HC705JB2GRS/H
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JB2GRS/H Fiches technique(HTML) 96 Page - NXP Semiconductors

Back Button HC705JB2GRS/H Datasheet HTML 92Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 93Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 94Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 95Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 96Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 97Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 98Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 99Page - NXP Semiconductors HC705JB2GRS/H Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
UNIVERSAL SERIAL BUS MODULE
MC68HC705JB2
10-28
REV 1.1
10.6.2 Resume Interrupt
The USB module will generate a USB interrupt if low speed bus activity is
detected after entering the suspend state. A transition of the USB data lines to the
non-idle state (“K” state) while in the suspend mode will set the RESUMF flag in
the UIR1 register. There is no interrupt enable bit for this interrupt source and an
interrupt will be executed if the I bit in the CCR is cleared. A resume interrupt can
only occur while the MC68HC705JB2 is in the suspend mode.
10.6.3 End of Packet Interrupt
The USB module can generate a USB interrupt upon detection of an end of
packet signal (a single ended 0) for low speed devices. Upon detection of an SE0
sequence, the USB module sets the EOPF bit and will generate an interrupt if the
EOPIE bit in the UIR1 register is set.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More