Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC08KL8GRS/D Fiches technique(PDF) 90 Page - NXP Semiconductors

No de pièce HC08KL8GRS/D
Description  High-Performance M68HC08 Architecture
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC08KL8GRS/D Fiches technique(HTML) 90 Page - NXP Semiconductors

Back Button HC08KL8GRS/D Datasheet HTML 86Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 87Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 88Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 89Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 90Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 91Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 92Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 93Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 256 page
background image
System Integration Module (SIM)
General Release Specification
MC68HC08KL8 — Rev. 2.0
System Integration Module (SIM)
Interrupts are latched and arbitration is performed in the SIM at the start
of interrupt processing. The arbitration result is a constant that the CPU
uses to determine which vector to fetch. Once an interrupt is latched by
the SIM, no other interrupt can take precedence, regardless of priority,
until the latched interrupt is serviced or the I bit is cleared.
At the beginning of an interrupt, the CPU saves the CPU register
contents on the stack and sets the interrupt mask (I bit) to prevent
additional interrupts. At the end of an interrupt, the RTI instruction
recovers the CPU register contents from the stack so that normal
processing can resume. Figure 8-9 shows interrupt entry timing. Figure
8-10 shows interrupt recovery timing.
Figure 8-9
. Interrupt Entry
Figure 8-10. Interrupt Recovery
MODULE
IDB
R/W
INTERRUPT
DUMMY
SP
SP – 1
SP – 2
SP – 3
SP – 4
VECT H
VECT L
START ADDR
IAB
DUMMY
PC–1[7:0]
PC–1[15:8]
X
A
CCR
V DATA H
V DATA L
OPCODE
I BIT
MODULE
IDB
R/W
INTERRUPT
SP – 4
SP – 3
SP – 2
SP – 1
SP
PC
PC + 1
IAB
CCR
A
X
PC – 1 [7:0]
PC–1[15:8]
OPCODE
OPERAND
I BIT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More