Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLE121LR Fiches technique(PDF) 2 Page - Silicon Laboratories

No de pièce BLE121LR
Description  Renamed "Bluetooth Smart" to "Bluetooth Low Energy" according to the official Bluetooth SIG nomenclature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE121LR Fiches technique(HTML) 2 Page - Silicon Laboratories

  BLE121LR Datasheet HTML 1Page - Silicon Laboratories BLE121LR Datasheet HTML 2Page - Silicon Laboratories BLE121LR Datasheet HTML 3Page - Silicon Laboratories BLE121LR Datasheet HTML 4Page - Silicon Laboratories BLE121LR Datasheet HTML 5Page - Silicon Laboratories BLE121LR Datasheet HTML 6Page - Silicon Laboratories BLE121LR Datasheet HTML 7Page - Silicon Laboratories BLE121LR Datasheet HTML 8Page - Silicon Laboratories BLE121LR Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Silicon Labs
VERSION HISTORY
Version
Comment
1.1
First release
1.2
Standard gain mode option for the receiver added. Figure 22 corrected.
Certification info updated. Footprint and PCB land pattern figures revised.
Design check list added. Layout guide updated. Range chapter added.
1.3
Stencil thickness recommendation updated
1.4
Added section on package marking
1.5
Updated description of encryption modes
1.6
Added tape and reel information
1.7
Updated certification information
1.8
Renamed "Bluetooth Smart" to "Bluetooth Low Energy" according to the
official Bluetooth SIG nomenclature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35