| Moteur de recherche de fiches techniques de composants électroniques |
|
AMW007 Fiches technique(PDF) 4 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
AMW007 Fiches technique(HTML) 4 Page - Silicon Laboratories |
|
4 / 36 page ![]() ADS-MW007-105R • Data Sheet April 4, 2018 © 2016-2018 Zentri http://www.zentri.com Page | iii ZentriOS-WL Firmware Features The ZentriOS-WL firmware supplied with the AMW007 provides a wide range of features beyond the underly- ing hardware, and supports application development via its command API. For complete documentation of ZentriOS-WL, see: https://docs.zentri.com/zentrios/wl/latest/ Software APIs ZentriOS-WL command API Interfaces Serial (UART, remote terminal) SoftAP and WLAN client (not concurrent) Servers TCP, UDP, HTTP, DHCP, DNS HTTP Server with RESTful API Fully customizable mobile responsive Web ap- plication with JavaScript and Python libraries Clients TCP, TLS, NTP, DHCP, DNS HTTP(S) client Websocket client Setup Multiple Wi-Fi setup options, including via serial command and Web setup with SoftAP Peripherals and Sensors GPIOs for control, indication and monitoring Automated broadcast and streaming of sensor data Local caching of sensor data Update and Recovery Wireless OTA (Over-the-Air) update to remote manage firmware using the Zentri DMS (Device Management Service) System Management System configuration and monitoring via setting and getting a wide range of variables Configurable power states Sleep/wake timers File System Read/write file system Storage of large files HTTP download to file system, HTTP upload from file system |