Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FT-R44Y Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce FT-R44Y
Description  Digital Fiber Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

FT-R44Y Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FT-R44Y Datasheet HTML 5Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 6Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 7Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 8Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 9Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 10Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 11Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 12Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
147 DigitalFiberSensorFX-300SERIES
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
LIST OF FIBERS
Reflective type
FX-301 / FX-305 (Red LED type) sensing range (Note 1)
The
FX-305 and FX-301(-HS) have different sensing modes.
FX-305: H-SP, FAST, STD, STDF, LONG, U-LG (no S-D mode)
FX-301(-HS): S-D, H-SP (Note 1), FAST, STD, LONG (no STDF or U-LG mode)
Model No.
Sensing range (mm in) (Note 2, 3) / Description
Dimensions
Red LED
U-LG
LONG
STDF
STD
FAST
H-SP
S-D
FD-30
170
6.693
110
4.331
70
2.756
50
1.969
40
1.575
20
0.787
18
0.709
P.59
FD-31
150
5.906
95
3.740
63
2.480
45
1.772
35
1.378
17
0.669
16
0.630
P.59
FD-31W
60
2.362
40
1.575
30
1.181
20
0.787
15
0.591
8
0.315
10
0.394
P.59
FD-32G
210
8.268
120
4.724
100
3.937
60
2.362
42
1.654
20
0.787
20
0.787
P.59
FD-32GX
240
9.449
140
5.512
100
3.937
70
2.756
50
1.969
25
0.984
25
0.984
P.59
FD-40
170
6.693
110
4.331
70
2.756
50
1.969
40
1.575
20
0.787
18
0.709
P.59
FD-41
150
5.906
95
3.740
63
2.480
45
1.772
35
1.378
17
0.669
16
0.630
P.59
FD-41S
150
5.906
95
3.740
63
2.480
45
1.772
35
1.378
17
0.669
16
0.630
P.59
FD-41SW
60
2.362
40
1.575
30
1.181
20
0.787
15
0.591
8
0.315
10
0.394
P.59
FD-41W
300 11.811
220
8.661
140
5.512
95
3.740
70
2.756
35
1.378
40
1.575
P.59
FD-42G
210
8.268
120
4.724
100
3.937
60
2.362
42
1.654
20
0.787
20
0.787
P.60
FD-42GW
160
6.299
85
3.346
70
2.756
35
1.378
25
0.984
13
0.512
14
0.551
P.60
FD-60
500 19.685
350 13.780
240
9.449
160
6.299
130
5.118
70
2.756
70
2.756
P.60
FD-61
440 17.323
320 12.598
205
8.071
145
5.709
105
4.134
65
2.559
60
2.362
P.60
FD-61G
460 18.110
200
7.874
210
8.268
90
3.543
65
2.559
35
1.378
40
1.575
P.60
FD-61S
440 17.323
320 12.598
205
8.071
145
5.709
105
4.134
60
2.362
60
2.362
P.60
Notes: 1) Please contact our office about the sensing ranges for
FX-301-HS in H-SP mode.
2) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut.
3) The sensing range is specified for white non-glossy paper.
Fibers are listed in alphabetic order. Refer to p.5~ “Fiber Selection” for details of each fiber.
Sensing range when using in combination with FR-Z50HW reflector (Optional)
Note: The sensing range is the possible setting range for the reflector. The fiber can detect an object less than setting range for the reflector. However, note that if
there are any white or highly-reflective surfaces near the fiber head, reflected incident light may affect the fiber head. If this occurs, adjust the threshold value
of the amplifier unit before use.
The sensing ranges are the value for red LED types.
Reflector
Model No.
Sensing range (mm in)
FX-301 / 305
FX-301-HS
U-LG
LONG
STDF
STD
FAST
S-D
H-SP
H-SP
RF-230
100 to 7,500 3.937 to 295.276 100 to 3,200 3.937 to 125.984 100 to 2,900 3.937 to 114.173 100 to 2,000 3.937 to 78.740 100 to 1,600 3.937 to 62.992 100 to 1,000 3.937 to 39.370 100 to 900 3.937 to 35.433 100 to 700 3.937 to 27.559
RF-220
100 to 2,400 3.937 to 94.488 100 to 2,400 3.937 to 94.488 100 to 1,900 3.937 to 74.803 100 to 1,300 3.937 to 51.181 100 to 1,000 3.937 to 39.370 100 to 600 3.937 to 23.622 100 to 570 3.937 to 22.441 100 to 350 3.937 to 13.780
RF-210
100 to 2,100 3.937 to 82.677 100 to 1,700 3.937 to 66.929 100 to 1,300 3.937 to 51.181 100 to 910 3.937 to 35.827 100 to 710 3.937 to 27.953 100 to 460 3.937 to 18.110 100 to 440 3.937 to 17.323
–
FX-301 / FX-305 (Red LED type) sensing range (Note 1)
Retroreflective type
The
FX-305 and FX-301(-HS) have different sensing modes.
FX-305: H-SP, FAST, STD, STDF, LONG, U-LG (no S-D mode)
FX-301(-HS): S-D, H-SP (Note 1), FAST, STD, LONG (no STDF or U-LG mode)
Model No.
Sensing range (mm in) (Note 2, 3)
Dimensions
Red LED
U-LG
LONG
STDF
STD
FAST
H-SP
S-D
FR-KZ22E
15 to 3700.591 to 14.567 15 to 3300.591 to 12.992 15 to 240 0.591 to 9.449 15 to 210 0.591 to 8.268 15 to 170 0.590 to 6.693 15 to 80 0.591 to 3.150 15 to 90 0.591 to 3.543
P.58
FR-KZ50E
20 to 3500.787 to 13.780 20 to 3000.787 to 11.811 20 to 250 0.787 to 9.843 20 to 200 0.787 to 7.874 20 to 200 0.787 to 7.874 20 to 200 0.787 to 7.874 20 to 200 0.787 to 7.874
P.58
FR-KZ50H
20 to 3500.787 to 13.780 20 to 3000.787 to 11.811 20 to 250 0.787 to 9.843 20 to 200 0.787 to 7.874 20 to 200 0.787 to 7.874 20 to 200 0.787 to 7.874 20 to 200 0.787 to 7.874
P.58
FR-Z50HW
100 to 9203.937 to 36.220 100 to 8103.937 to 31.890 100 to 6603.937 to 25.984 100 to 5803.937 to 22.835 100 to 4903.937 to 19.291 100 to 3403.937 to 13.385 100 to 2703.937 to 10.630
P.58
Notes: 1) Please contact our office about the sensing ranges for
FX-301-HS in H-SP mode.
2) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut.
The sensing range of
FR-KZ22E is specified for the attached reflector. The sensing range of FR-KZ50E and FR-KZ50H is specified for the attached
reflector
RF-003. The sensing range of FR-Z50HW is specified for the RF-13.
3) The sensing range is the possible setting range for the attached reflector. The fiber can detect an object less than setting range for the reflector. However,
note that if there are any white or highly-reflective surfaces near the fiber head, reflected incident light may affect the fiber head. If this occurs, adjust the
threshold value of the amplifier unit before use.
Fibers are listed in alphabetic order. Refer to p.5~ “Fiber Selection” for details of each fiber.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28