| Moteur de recherche de fiches techniques de composants électroniques |
|
FD-40 Fiches technique(PDF) 13 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FD-40 Fiches technique(HTML) 13 Page - List of Unclassifed Manufacturers |
|
13 / 28 page ![]() 151 DigitalFiberSensorFX-300SERIES Selection Guide Fibers Fiber Amplifiers FX-500 FX-100 FX-300 FX-410 FX-311 FX-301-F7/ FX-301-F FIBER SENSORS LASER SENSORS PHOTO- ELECTRIC SENSORS MICRO PHOTO- ELECTRIC SENSORS AREA SENSORS LIGHT CURTAINS / SAFETY COMPONENTS PRESSURE / FLOW SENSORS INDUCTIVE PROXIMITY SENSORS PARTICULAR USE SENSORS SENSOR OPTIONS SIMPLE WIRE-SAVING UNITS WIRE-SAVING SYSTEMS MEASURE- MENT SENSORS STATIC ELECTRICITY PREVENTION DEVICES LASER MARKERS PLC HUMAN MACHINE INTERFACES ENERGY CONSUMPTION VISUALIZATION COMPONENTS FA COMPONENTS MACHINE VISION SYSTEMS UV CURING SYSTEMS Model No. Sensing range (mm in) (Note 1) Dimensions FX-301B / 311B FX-301G / 311G FX-301H (Note 2) LONG STD FAST LONG STD FAST LONG STD FAST FT-R43 96 3.780 50 1.969 33 1.299 53 2.087 25 0.984 17 0.669 55 2.165 27 1.063 18 0.709 P.54 FT-R44Y 96 3.780 50 1.969 33 1.299 53 2.087 25 0.984 17 0.669 55 5.165 27 1.063 18 0.709 P.55 FT-R60Y 250 9.843 120 4.724 80 3.150 140 5.512 70 2.756 50 1.969 60 2.362 90 3.543 170 6.693 P.55 FT-S11 12 0.472 5 0.197 4 0.157 5 0.197 2.5 0.098 1.5 0.059 21 0.827 10 0.394 7 0.276 P.55 FT-S20 55 2.165 28 1.102 18 0.709 28 1.102 13 0.512 9 0.354 25 0.984 13 0.512 9 0.354 P.55 FT-S21 50 1.969 25 0.984 16 0.630 24 0.945 12 0.472 8 0.315 23 0.906 11 0.433 8 0.315 P.55 FT-S21W 31 1.220 15 0.591 10 0.394 15 0.591 8 0.315 5 0.197 18 0.709 8 0.315 5 0.197 P.55 FT-S30 155 6.102 76 2.992 45 1.772 90 3.543 40 1.575 26 1.024 80 3.150 43 1.693 27 1.063 P.55 FT-S31W 110 4.331 50 1.969 30 1.181 56 2.205 28 1.102 20 0.787 64 2.520 32 1.260 21 0.827 P.55 FT-S32 420 16.535 200 7.874 130 5.118 220 8.661 100 3.937 72 2.835 210 8.268 100 3.937 67 2.638 P.55 FT-V23 65 2.559 26 1.024 18 0.709 26 1.024 13 0.512 8 0.315 29 1.142 13 0.512 9 0.354 P.55 FT-V24W 6 0.236 2 0.079 – 3 0.118 – – 3 0.118 – – P.56 FT-V25 25 0.984 12 0.472 9 0.354 16 0.630 7 0.276 5 0.197 15 0.591 8 0.315 4 0.157 P.56 FT-V30 80 3.150 40 1.575 22 0.866 40 1.575 14 0.551 8 0.315 47 1.850 19 0.748 9 0.354 P.56 FT-V40 400 15.748 200 7.874 130 5.118 200 7.874 100 3.937 65 2.559 290 11.417 140 5.512 92 3.622 P.56 FT-V80Y 120 4.724 60 2.362 35 1.378 80 3.150 40 1.575 25 0.984 75 2.953 38 1.496 24 0.945 P.56 FT-Z20HBW 39 1.535 19 0.748 12 0.472 20 0.787 10 0.394 6 0.236 40 1.575 15 0.591 12 0.472 P.56 FT-Z20W 82 3.228 37 1.457 23 0.906 44 1.732 18 0.709 11 0.433 100 3.937 50 1.969 32 1.260 P.56 FT-Z30 120 4.724 60 2.362 40 1.575 96 3.780 45 1.772 30 1.181 140 5.512 72 2.835 47 1.850 P.56 FT-Z30E 540 21.260 250 9.843 170 6.693 270 10.630 130 5.118 91 3.583 280 11.024 140 5.512 88 3.465 P.56 FT-Z30EW 540 21.260 260 10.236 170 6.693 260 10.236 120 4.724 88 3.465 290 11.417 140 5.512 92 3.622 P.57 FT-Z30H 650 25.591 310 12.205 200 7.874 340 13.386 160 6.299 110 4.331 330 12.992 160 6.299 100 3.937 P.57 FT-Z30HW 540 21.260 260 10.236 170 6.693 260 10.236 120 4.724 88 3.465 290 11.417 140 5.512 92 3.622 P.57 FT-Z30W 83 3.268 40 1.575 25 0.984 73 2.874 36 1.417 25 0.984 100 3.937 52 2.047 34 1.339 P.57 FT-Z40HBW 110 4.331 50 1.969 30 1.181 56 2.205 28 1.102 20 0.787 64 2.520 32 1.260 21 0.827 P.57 FT-Z40W 180 7.087 90 3.543 60 2.362 90 3.543 50 1.969 35 1.378 100 3.937 50 1.969 30 1.181 P.57 FT-Z802Y 320 12.598 160 6.299 120 4.724 160 6.299 80 3.150 60 2.362 320 12.598 160 6.299 120 4.724 P.57 Thru-beam type (One pair set) Fibers are listed in alphabetic order. Refer to p.5~ “Fiber Selection” for details of each fiber. SENSING RANGE OF BLUE LED / GREEN LED / INFRARED LED Notes: 1) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut. 2) Because infrared types are easily affected by humidity, please ask assistance when using them in a humid environment or in an environment with varying humidity. Retroreflective type Model No. Sensing range (mm in) (Note 1, 2) Dimensions FX-301B / 311B FX-301G / 311G FX-301H LONG STD FAST LONG STD FAST LONG STD FAST FR-KZ22E – – – – – – – – – P.58 FR-KZ50E 20 to 160 0.787to6.299 20 to 100 0.787to3.937 20 to 60 0.787to2.362 20 to 110 0.787to4.331 20 to 54 0.787to2.126 – 20 to 100 0.787to3.937 20 to 33 0.787to1.299 – P.58 FR-KZ50H 20 to 140 0.787to5.512 20 to 70 0.787to2.76 20 to 52 0.787to2.047 20 to 90 0.787to3.543 20 to 40 0.787to1.575 – 20 to 80 0.787to3.150 20 to 43 0.787to1.693 – P.58 FR-Z50HW – – – – – – 100 to 410 3.937to16.142 – – P.58 Notes: 1) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut. 2) The sensing range is the possible setting range for the attached reflector. The fiber can detect an object less than setting range for the reflector. However, note that if there are any white or highly-reflective surfaces near the fiber head, reflected incident light may affect the fiber head. If this occurs, adjust the threshold value of the amplifier unit before use. Fibers are listed in alphabetic order. Refer to p.5~ “Fiber Selection” for details of each fiber. |