| Moteur de recherche de fiches techniques de composants électroniques |
|
L7810CP Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7810CP Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 47 page ![]() L7800 series Electrical characteristics 13/47 Table 10. Electrical characteristics of L7824 (refer to the test circuits, TJ = -55 to 150°C, VI = 33V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C 23 24 25 V VO Output voltage IO = 5mA to 1A, PO ≤15W VI = 28 to 38V 22.8 24 25.2 V ∆VO(1) Line regulation VI = 27 to 38V, TJ = 25°C 240 mV VI = 30 to 36V, TJ = 25°C 120 ∆VO(1) Load regulation IO = 5 mA to 1.5A, TJ = 25°C 240 mV IO = 250 to 750mA, TJ = 25°C 120 Id Quiescent current TJ = 25°C 6 mA ∆Id Quiescent current change IO = 5mA to 1A 0.5 mA VI = 28 to 38V 0.8 ∆VO/∆T Output voltage drift IO = 5mA 3 mV/°C eN Output noise voltage B =10Hz to 100KHz, TJ = 25°C 40 µV/VO SVR Supply voltage rejection VI = 28 to 38V, f = 120Hz 56 dB Vd Dropout voltage IO = 1A, TJ = 25°C 2 2.5 V RO Output resistance f = 1 KHz 28 m Ω Isc Short circuit current VI = 35V, TJ = 25°C 0.75 1.2 A Iscp Short circuit peak current TJ = 25°C 1.3 2.2 3.3 A 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. |