Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP9700A-E/TO Fiches technique(PDF) 23 Page - Microchip Technology

No de pièce MCP9700A-E/TO
Description  Low-Power Linear Active Thermistor ICs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9700A-E/TO Fiches technique(HTML) 23 Page - Microchip Technology

Back Button MCP9700A-E/TO Datasheet HTML 18Page - Microchip Technology MCP9700A-E/TO Datasheet HTML 19Page - Microchip Technology MCP9700A-E/TO Datasheet HTML 20Page - Microchip Technology MCP9700A-E/TO Datasheet HTML 21Page - Microchip Technology MCP9700A-E/TO Datasheet HTML 22Page - Microchip Technology MCP9700A-E/TO Datasheet HTML 23Page - Microchip Technology MCP9700A-E/TO Datasheet HTML 24Page - Microchip Technology MCP9700A-E/TO Datasheet HTML 25Page - Microchip Technology MCP9700A-E/TO Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
 2005-2022 Microchip Technology Inc.
DS20001942J-page 23
MCP970X
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP9700:
Linear Active Thermistor™ IC
MCP9700A:
Linear Active Thermistor™ IC
MCP9700B:
Linear Active Thermistor™ IC
MCP9701:
Linear Active Thermistor™ IC
MCP9701A:
Linear Active Thermistor™ IC
Tape and Reel:
T
= Tape and Reel (1)
Blank = Tube
Temperature Range:
E =
-40C to +125C (Extended Temperature)
H=
-40C to +150C (High Temperature)
(MCP9700 and MCP9700B, SOT-23-3 and
SC70-5 only)
Package:
LT = Plastic Small Outline Transistor, 5-lead
TO = Plastic Transistor Outline, 3-lead
TT = Plastic Small Outline Transistor, 3-lead
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP9700T-E/LT:
Linear Active Thermistor IC
Tape and Reel
Extended temperature
5LD SC70 package
b)
MCP9700-E/TO:
Linear Active Thermistor IC
Extended temperature
3LD TO-92 package
c)
MCP9700T-E/TT:
Linear Active Thermistor IC
Tape and Reel
Extended temperature
3LD SOT-23 package
d)
MCP9700T-H/LT:
Linear Active Thermistor IC
Tape and Reel
High temperature
5LD SC70 package
a)
MCP9700AT-E/LT: Linear Active Thermistor IC
Tape and Reel
Extended temperature
5LD SC70 package
b)
MCP9700A-E/TO:
Linear Active Thermistor IC
Extended temperature
3LD TO-92 package
c)
MCP9700AT-E/TT: Linear Active Thermistor IC
Tape and Reel
Extended temperature
3LD SOT-23 package
a)
MCP9701T-E/LT:
Linear Active Thermistor IC
Tape and Reel
Extended temperature
5LD SC70 package
b)
MCP9701-E/TO:
Linear Active Thermistor IC
Extended temperature
3LD TO-92 package
c)
MCP9701T-E/TT:
Linear Active Thermistor IC
Tape and Reel
Extended temperature
3LD SOT-23 package
a)
MCP9701AT-E/LT: Linear Active Thermistor IC
Tape and Reel
Extended temperature
5LD SC70 package
b)
MCP9701A-E/TO:
Linear Active Thermistor IC
Extended temperature
3LD TO-92 package
c)
MCP9701AT-E/TT: Linear Active Thermistor IC
Tape and Reel
Extended Temperature
3LD SOT-23 package
a)
MCP9700T-H/TT:
Linear Active Thermistor IC
Tape and Reel
High Temperature
3LD SOT-23 package
b)
MCP9700T-H/LT:
Linear Active Thermistor IC
Tape and Reel
High Temperature
5LD SC70 package
–
X (1)
Tape and Reel
Option
Note 1:
Tape and Reel identifier only appears in the
catalog
part
number
description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26