Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RCM2000 Fiches technique(PDF) 49 Page - Digi International Inc.

No de pièce RCM2000
Description  RabbitCore RCM2000 C-Programmable Module User’s Manual
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIGI [Digi International Inc.]
Site Internet  https://www.digi.com/
Logo DIGI - Digi International Inc.

RCM2000 Fiches technique(HTML) 49 Page - Digi International Inc.

Back Button RCM2000 Datasheet HTML 45Page - Digi International Inc. RCM2000 Datasheet HTML 46Page - Digi International Inc. RCM2000 Datasheet HTML 47Page - Digi International Inc. RCM2000 Datasheet HTML 48Page - Digi International Inc. RCM2000 Datasheet HTML 49Page - Digi International Inc. RCM2000 Datasheet HTML 50Page - Digi International Inc. RCM2000 Datasheet HTML 51Page - Digi International Inc. RCM2000 Datasheet HTML 52Page - Digi International Inc. RCM2000 Datasheet HTML 53Page - Digi International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
User’s Manual
45
A.1.1 Headers
The RCM2000 uses headers at J1, J2, and J3 for physical connection to other boards. J1
and J2 are 2 × 20 SMT headers with a 2 mm pin spacing. J3 is a 2 × 5 header with a 2 mm
pin spacing.
Figure A-3 shows the layout of another board for the RCM2000 to be plugged in to. These
reference design values are relative to the mounting hole or to the header connectors.
Figure A-3. User Board Footprint for RCM2000 (Top View)
NOTE: Two holes were added near the top of the RCM2000 above headers J1 and J2
starting with RCM2000 versions marked 175-0201 on the bottom side. These holes
facilitate factory testing and must not be used for mounting or attaching other hardware.
J1
J2
1.300
(33.02)
0.125 dia
(3.2)
1.079
(27.41)
1.960
(49.78)
0.079
(2.0)
0.020 sq typ
(0.5)
0.079
(2.0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80