| Moteur de recherche de fiches techniques de composants électroniques |
|
FD-R32EG Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FD-R32EG Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers |
|
8 / 28 page ![]() Digital Fiber Sensor FX-300 SERIES 146 Selection Guide Fibers Fiber Amplifiers FX-500 FX-100 FX-300 FX-410 FX-311 FX-301-F7/ FX-301-F FIBER SENSORS LASER SENSORS PHOTO- ELECTRIC SENSORS MICRO PHOTO- ELECTRIC SENSORS AREA SENSORS LIGHT CURTAINS / SAFETY COMPONENTS PRESSURE / FLOW SENSORS INDUCTIVE PROXIMITY SENSORS PARTICULAR USE SENSORS SENSOR OPTIONS SIMPLE WIRE-SAVING UNITS WIRE-SAVING SYSTEMS MEASURE- MENT SENSORS STATIC ELECTRICITY PREVENTION DEVICES LASER MARKERS PLC HUMAN MACHINE INTERFACES ENERGY CONSUMPTION VISUALIZATION COMPONENTS FA COMPONENTS MACHINE VISION SYSTEMS UV CURING SYSTEMS FX-301 / FX-305 (Red LED type) sensing range (Note 1) The FX-305 and FX-301(-HS) have different sensing modes. FX-305: H-SP, FAST, STD, STDF, LONG, U-LG (no S-D mode) FX-301(-HS): S-D, H-SP (Note 1), FAST, STD, LONG (no STDF or U-LG mode) Thru-beam type (one pair set) Model No. Sensing range (mm in) (Note 2) Dimensions Red LED U-LG LONG STDF STD FAST H-SP S-D FT-R31 340 13.386 290 11.417 150 5.906 130 5.118 95 3.740 49 1.929 49 1.929 P.54 FT-R40 1,000 39.370 710 27.953 470 18.504 330 12.992 240 9.449 130 5.118 130 5.118 P.54 FT-R41W 1,000 39.370 710 27.953 460 18.110 330 12.992 240 9.449 130 5.118 130 5.118 P.54 FT-R42W 2,800 110.236 1,600 62.992 890 35.039 770 30.315 560 22.047 310 12.205 320 12.598 P.54 FT-R43 1,000 39.370 710 27.953 450 17.717 290 11.417 210 8.268 110 4.331 110 4.331 P.54 FT-R44Y 1,000 39.370 710 27.958 450 17.717 290 11.417 210 8.268 110 4.330 110 4.330 P.55 FT-R60Y 2,650 104.330 1,800 70.866 1,200 47.244 830 32.677 610 24.016 335 13.189 350 13.780 P.55 FT-S11 100 3.937 80 3.150 50 1.969 31 1.220 22 0.866 13 0.512 14 0.551 P.55 FT-S20 450 17.717 310 12.205 210 8.268 150 5.906 110 4.331 60 2.362 60 2.362 P.55 FT-S21 440 17.323 290 11.417 200 7.874 142 5.591 105 4.134 58 2.283 49 1.929 P.55 FT-S21W 300 11.811 230 9.055 130 5.118 100 3.937 65 2.559 30 1.181 30 1.181 P.55 FT-S30 1,300 51.181 900 35.433 600 23.622 450 17.717 330 12.992 180 7.087 180 7.087 P.55 FT-S31W 1,000 39.370 710 27.953 460 18.110 330 12.992 240 9.449 130 5.118 130 5.118 P.55 FT-S32 3,600 141.732 2,400 94.488 1,500 59.055 1,100 43.307 840 33.071 460 18.110 510 20.079 P.55 FT-V23 590 23.228 380 14.961 270 10.630 170 6.693 125 4.921 60 2.362 63 2.480 P.55 FT-V24W 120 4.724 90 3.543 55 2.165 40 1.575 30 1.181 13 0.512 15 0.591 P.56 FT-V25 310 12.205 200 7.874 130 5.118 90 3.543 60 2.362 35 1.378 35 1.378 P.56 FT-V30 620 24.409 420 16.535 270 10.630 200 7.874 140 5.512 70 2.756 70 2.756 P.56 FT-V40 3,600 141.732 (Note 3) 3,600 141.732 (Note 3) 1,600 62.992 1,700 66.929 1,200 47.244 680 26.772 690 27.165 P.56 FT-V80Y 1,000 39.370 800 31.496 500 19.685 400 15.748 280 11.024 120 4.724 140 5.512 P.56 FT-Z20HBW 400 15.748 290 11.417 160 6.299 130 5.118 90 3.543 50 1.969 50 1.969 P.56 FT-Z20W 830 32.677 570 22.441 370 14.567 250 9.843 180 7.087 90 3.543 90 3.543 P.56 FT-Z30 2,600 102.362 1,900 74.803 1,100 43.307 850 33.465 620 24.409 330 12.992 340 13.386 P.56 FT-Z30E 3,600 141.732 (Note 3) 3,100 122.047 2,100 82.677 1,600 62.992 1,100 43.307 650 25.591 670 26.378 P.56 FT-Z30EW 3,600 141.732 (Note 3) 2,700 106.299 1,400 55.118 1,200 47.244 900 35.433 500 19.685 500 19.685 P.57 FT-Z30H 3,600 141.732 (Note 3) 3,100 122.047 2,200 86.614 1,600 62.992 1,100 43.307 650 25.591 670 26.378 P.57 FT-Z30HW 3,600 141.732 (Note 3) 3,100 122.047 2,200 86.614 1,500 59.055 1,000 39.370 590 23.228 610 24.016 P.57 FT-Z30W 2,000 78.740 1,400 55.118 890 35.039 640 25.197 460 18.110 250 9.843 260 10.236 P.57 FT-Z40HBW 1,000 39.370 710 27.953 460 18.110 330 12.992 240 9.449 130 5.118 130 5.118 P.57 FT-Z40W 1,900 74.803 1,300 51.181 900 35.433 630 24.803 460 18.110 240 9.449 260 10.236 P.57 FT-Z802Y 3,500 137.795 3,500 137.795 3,000 118.110 1,500 59.055 1,000 39.370 500 19.685 530 20.866 P.57 Fibers are listed in alphabetic order. Refer to p.5~ “Fiber Selection” for details of each fiber. Notes: 1) Please contact our office about the sensing ranges for FX-301-HS in H-SP mode. 2) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut. 3) The fiber cable length practically limits the sensing range. LIST OF FIBERS |