| Moteur de recherche de fiches techniques de composants électroniques |
|
SAM4E Fiches technique(PDF) 22 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAM4E Fiches technique(HTML) 22 Page - ATMEL Corporation |
|
22 / 40 page ![]() SAM4E-EK Evaluation Kit [USER GUIDE] Atmel-42067C-SAM4E-EK_UserGuide_022016 2 2 22 4.3.20 ZigBee The SAM4E-EK has a 10-pin male connector for the RZ600 ZigBee module. Note: 0Ω resistors have been implemented in series with the PIO lines that are used elsewhere in the design, thereby enabling their individual disconnection, should a conflict occur in your application. Figure 4-22. ZigBee Interface 4.3.21 PIO Expansion The SAM4E-EK product features three PIO controllers, PIOA, PIOB, PIOC, and PIOD, which are multiplexed with the I/O lines of the embedded peripherals. Each PIO Controller controls up to 32 lines (15 for PIOB and 6 for PIOE). Expansion ports J51, J52, J53, and J54 provide PIO lines access for customer usage. |