Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SW52212 Fiches technique(PDF) 31 Page - Silicon Laboratories

No de pièce SW52212
Description  12/8/4/2-Output PCI-Express Gen 1/2/3/4/5 and SRIS Clock Generator
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SW52212 Fiches technique(HTML) 31 Page - Silicon Laboratories

Back Button SW52212 Datasheet HTML 27Page - Silicon Laboratories SW52212 Datasheet HTML 28Page - Silicon Laboratories SW52212 Datasheet HTML 29Page - Silicon Laboratories SW52212 Datasheet HTML 30Page - Silicon Laboratories SW52212 Datasheet HTML 31Page - Silicon Laboratories SW52212 Datasheet HTML 32Page - Silicon Laboratories SW52212 Datasheet HTML 33Page - Silicon Laboratories SW52212 Datasheet HTML 34Page - Silicon Laboratories SW52212 Datasheet HTML 35Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 71 page
background image
8.7 Byte Write
The figure below illustrates a simple, typical byte write. For byte operation, the MSB bit of the command byte must be set high. For
block operations, the MSB bit must be set. If the bit is not set, the next byte must be the byte transfer count. The count can be between
1 and 32. It is not allowed to be zero or to exceed 32.
Slave
T
Wr
A Command
Data Byte 0
A
Command
starT Condition
Byte Write Protocol
Acknowledge
Register # to
write
MSB bit = 1
1
7
1 1
8
1
8
1
1
Master to
Slave to
A P
stoP Condition
Figure 8.4. Byte Write Protocol
Data Sheet
Control Registers
silabs.com | Building a more connected world.
Rev. 1.0 | 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71