| Moteur de recherche de fiches techniques de composants électroniques |
|
LM393DMR2G Fiches technique(PDF) 8 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LM393DMR2G Fiches technique(HTML) 8 Page - ON Semiconductor |
|
8 / 10 page ![]() LM393, LM293, LM2903, LM2903V, NCV2903 http://onsemi.com 8 PACKAGE DIMENSIONS PDIP−8 N SUFFIX CASE 626−05 ISSUE L NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 14 5 8 F NOTE 2 −A− −B− −T− SEATING PLANE H J G D K N C L M M A M 0.13 (0.005) B M T DIM MIN MAX MIN MAX INCHES MILLIMETERS A 9.40 10.16 0.370 0.400 B 6.10 6.60 0.240 0.260 C 3.94 4.45 0.155 0.175 D 0.38 0.51 0.015 0.020 F 1.02 1.78 0.040 0.070 G 2.54 BSC 0.100 BSC H 0.76 1.27 0.030 0.050 J 0.20 0.30 0.008 0.012 K 2.92 3.43 0.115 0.135 L 7.62 BSC 0.300 BSC M −−− 10 −−− 10 N 0.76 1.01 0.030 0.040 __ |