| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F103C8I7TR Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103C8I7TR Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 116 page ![]() Pinouts and pin description STM32F103x8, STM32F103xB 32/116 DS5319 Rev 18 A9 A10 37 A7 49 76 28 PA14 I/O FT JTCK/SWCLK - PA14 A8 A9 38 A6 50 77 29 PA15 I/O FT JTDI - TIM2_CH1_ ETR/ PA15 /SPI1_NSS B9 B11 - B7 51 78 PC10 I/O FT PC10 - USART3_TX B8 C10 - B6 52 79 PC11 I/O FT PC11 - USART3_RX C8 B10 - C5 53 80 PC12 I/O FT PC12 - USART3_CK D8 C9 - C1 - 81 2 PD0 I/O FT PD0 - CANRX E8 B9 - D1 - 82 3 PD1 I/O FT PD1 - CANTX B7 C8 B5 54 83 - PD2 I/O FT PD2 TIM3_ETR - C7 B8 - - - 84 - PD3 I/O FT PD3 - USART2_CTS D7 B7 - - - 85 - PD4 I/O FT PD4 - USART2_RTS B6 A6 - - - 86 - PD5 I/O FT PD5 - USART2_TX C6 B6 - - - 87 - PD6 I/O FT PD6 - USART2_RX D6 A5 - - - 88 - PD7 I/O FT PD7 - USART2_CK A7 A8 39 A5 55 89 30 PB3 I/O FT JTDO - TIM2_CH2 / PB3 TRACESWO SPI1_SCK A6 A7 40 A4 56 90 31 PB4 I/O FT JNTRST - TIM3_CH1/ PB4/ SPI1_MISO C5 C5 41 C4 57 91 32 PB5 I/O PB5 I2C1_SMBAl TIM3_CH2 / SPI1_MOSI B5 B5 42 D3 58 92 33 PB6 I/O FT PB6 I2C1_SCL(9)/ TIM4_CH1(9) USART1_TX A5 B4 43 C3 59 93 34 PB7 I/O FT PB7 I2C1_SDA(9)/ TIM4_CH2(9) USART1_RX D5 A4 44 B4 60 94 35 BOOT0 I BOOT0 - - Table 5. Medium-density STM32F103xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |