Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F103C8T6TR Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce STM32F103C8T6TR
Description  Medium-density performance line Arm®-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8T6TR Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button STM32F103C8T6TR Datasheet HTML 24Page - STMicroelectronics STM32F103C8T6TR Datasheet HTML 25Page - STMicroelectronics STM32F103C8T6TR Datasheet HTML 26Page - STMicroelectronics STM32F103C8T6TR Datasheet HTML 27Page - STMicroelectronics STM32F103C8T6TR Datasheet HTML 28Page - STMicroelectronics STM32F103C8T6TR Datasheet HTML 29Page - STMicroelectronics STM32F103C8T6TR Datasheet HTML 30Page - STMicroelectronics STM32F103C8T6TR Datasheet HTML 31Page - STMicroelectronics STM32F103C8T6TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 116 page
background image
Pinouts and pin description
STM32F103x8, STM32F103xB
28/116
DS5319 Rev 18
Table 5. Medium-density STM32F103xx pin definitions
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap
A3
B2
-
-
-
1
-
PE2
I/O FT
PE2
TRACECK
-
B3
A1
-
-
-
2
-
PE3
I/O FT
PE3
TRACED0
-
C3 B1
-
-
-
3
-
PE4
I/O FT
PE4
TRACED1
-
D3 C2
-
-
-
4
-
PE5
I/O FT
PE5
TRACED2
-
E3 D2
-
-
-
5
-
PE6
I/O FT
PE6
TRACED3
-
B2
E2
1
B2
1
6
-
VBAT
S-
VBAT
--
A2 C1
2
A2
2
7
-
PC13-TAMPER-
RTC(5)
I/O -
PC13(6)
TAMPER-RTC
-
A1 D1
3
A1
3
8
- PC14-OSC32_IN(5) I/O -
PC14(6)
OSC32_IN
-
B1
E1
4
B1
4
9
-
PC15-
OSC32_OUT(5)
I/O -
PC15(6)
OSC32_OUT
-
C2
F2
-
-
-
10
-
VSS_5
S-
VSS_5
--
D2 G2
-
-
-
11
-
VDD_5
S-
VDD_5
-
C1
F1
5
C1
5
12
2
OSC_IN
I
-
OSC_IN
-
PD0(7)
D1 G1
6
D1
6
13
3
OSC_OUT
O
-
OSC_OUT
PD1(7)
E1 H2
7
E1
7
14
4
NRST
I/O -
NRST
-
-
F1
H1
-
E3
8
15
-
PC0
I/O -
PC0
ADC12_IN10
-
F2
J2
-
E2
9
16
-
PC1
I/O -
PC1
ADC12_IN11
-
E2
J3
-
F2
10
17
-
PC2
I/O -
PC2
ADC12_IN12
-
F3
K2
-
-(8)
11
18
-
PC3
I/O -
PC3
ADC12_IN13
-
G1
J1
8
F1
12
19
5
VSSA
S-
VSSA
--
H1 K1
-
-
-
20
-
VREF-
S-
VREF-
--
J1
L1
-
G1(8)
-21
-
VREF+
S-
VREF+
--
K1 M1
9
H1
13
22
6
VDDA
S-
VDDA
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More