Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F103C8U6XXX Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce STM32F103C8U6XXX
Description  Medium-density performance line Arm®-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8U6XXX Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button STM32F103C8U6XXX Datasheet HTML 20Page - STMicroelectronics STM32F103C8U6XXX Datasheet HTML 21Page - STMicroelectronics STM32F103C8U6XXX Datasheet HTML 22Page - STMicroelectronics STM32F103C8U6XXX Datasheet HTML 23Page - STMicroelectronics STM32F103C8U6XXX Datasheet HTML 24Page - STMicroelectronics STM32F103C8U6XXX Datasheet HTML 25Page - STMicroelectronics STM32F103C8U6XXX Datasheet HTML 26Page - STMicroelectronics STM32F103C8U6XXX Datasheet HTML 27Page - STMicroelectronics STM32F103C8U6XXX Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 116 page
background image
Pinouts and pin description
STM32F103x8, STM32F103xB
24/116
DS5319 Rev 18
Figure 6. STM32F103xx performance line LQFP64 pinout
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
17 18 19 20 21 22 23 24
29 30 31 32
25 26 27 28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VBAT
PC13-TAMPER-RTC
PC 14-O SC 32_IN
PC 15-O SC 32_OU T
P D0-OS C_IN
P D1-OS C_OUT
NRST
PC0
PC1
PC2
PC3
VSSA
VDDA
PA 0-WK UP
PA 1
PA 2
VDD_2
VSS_2
PA 13
PA 12
PA 11
PA 10
PA 9
PA 8
PC9
PC8
PC7
PC6
PB 15
PB 14
PB 13
PB 12
LQFP64
ai14392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More