| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F103X8 Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103X8 Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 116 page ![]() DS5319 Rev 18 31/116 STM32F103x8, STM32F103xB Pinouts and pin description 115 H9 J12 - - - 57 - PD10 I/O FT PD10 - USART3_CK G9 J11 - - - 58 - PD11 I/O FT PD11 - USART3_CTS K10 J10 - - - 59 - PD12 I/O FT PD12 - TIM4_CH1 / USART3_RTS J10 H12 - - - 60 - PD13 I/O FT PD13 - TIM4_CH2 H10 H11 - - - 61 - PD14 I/O FT PD14 - TIM4_CH3 G10 H10 - - - 62 - PD15 I/O FT PD15 - TIM4_CH4 F10 E12 - F6 37 63 - PC6 I/O FT PC6 - TIM3_CH1 E10 E11 E7 38 64 - PC7 I/O FT PC7 - TIM3_CH2 F9 E10 E8 39 65 - PC8 I/O FT PC8 - TIM3_CH3 E9 D12 - D8 40 66 - PC9 I/O FT PC9 - TIM3_CH4 D9 D11 29 D7 41 67 20 PA8 I/O FT PA8 USART1_CK/ TIM1_CH1(9)/ MCO - C9 D10 30 C7 42 68 21 PA9 I/O FT PA9 USART1_TX(9)/ TIM1_CH2(9) - D10 C12 31 C6 43 69 22 PA10 I/O FT PA10 USART1_RX(9)/ TIM1_CH3(9) - C10 B12 32 C8 44 70 23 PA11 I/O FT PA11 USART1_CTS/ CANRX(9)/ USBDM/ TIM1_CH4(9) - B10 A12 33 B8 45 71 24 PA12 I/O FT PA12 USART1_RTS/ CANTX(9) /USBDP TIM1_ETR(9) - A10 A11 34 A8 46 72 25 PA13 I/O FT JTMS/SWDIO - PA13 F8 C11 - - - 73 - Not connected - E6 F11 35 D5 47 74 26 VSS_2 S- VSS_2 -- F6 G11 36 E5 48 75 27 VDD_2 S- VDD_2 -- Table 5. Medium-density STM32F103xx pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |