| Moteur de recherche de fiches techniques de composants électroniques |
|
ST13005 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST13005 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 12 page ![]() This is information on a product in full production. May 2012 Doc ID 5262 Rev 10 1/12 12 ST13005 High voltage fast-switching NPN power transistor Datasheet −production data Features ■ Low spread of dynamic parameters ■ Minimum lot-to-lot spread for reliable operation ■ Very high switching speed Applications ■ Electronic ballast for fluorescent lighting ■ Switch mode power supplies Description This device is manufactured using high voltage multi epitaxial planar technology for high switching speeds and high voltage capability. It uses a cellular emitter structure with planar edge termination to enhance switching speeds while maintaining a wide RBSOA. Figure 1. Internal schematic diagram TO-220 1 2 3 Table 1. Device summary Order code Marking(1) Package Packaging ST13005 13005 A 13005 C 13005 D 13005 E 13005 F TO-220 Tube 1. Product is pre-selected in DC current gain (group A, C, D, E and F). STMicroelectronics reserves the right to ship either groups according to production availability. Please contact your nearest STMicroelectronics sales office for delivery details. www.st.com |
Numéro de pièce similaire - ST13005 |
|
Description similaire - ST13005 |