Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M1121 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce M1121
Description  3.3V 5V 12V HOUSEKEEPING IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M1121 Fiches technique(HTML) 2 Page - STMicroelectronics

  M1121 Datasheet HTML 1Page - STMicroelectronics M1121 Datasheet HTML 2Page - STMicroelectronics M1121 Datasheet HTML 3Page - STMicroelectronics M1121 Datasheet HTML 4Page - STMicroelectronics M1121 Datasheet HTML 5Page - STMicroelectronics M1121 Datasheet HTML 6Page - STMicroelectronics M1121 Datasheet HTML 7Page - STMicroelectronics M1121 Datasheet HTML 8Page - STMicroelectronics M1121 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TSM1121
Pin Description
2/11
1
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
Name
Pin #
Type
Function
Vcc
14
Power Supply
Positive Power Supply Line
Gnd
7
Power Supply
Ground Line. 0V Reference For All Voltages
Vs12
3
Analog Input
Over and Under voltage Sense Input Dedicated to the 12V Line1
1)
Over and Under Voltage Inputs can go higher than Vcc within the allowed Max Rating range
Vs5
2
Analog Input
Over and Under voltage Sense Input Dedicated to the 5V Line1)
Vs33
1
Analog Input
Over and Under voltage Sense Input Dedicated to the 3.3V Line1)
Tuv
6
Timing Capacitor
Adjustable Under voltage Blanking Delay at Power Up (Setting Capacitor)
Fault
13
Open Collector
Fault Output. Fault is high when Over or Under Voltage has been Detected
PI
5
Analog Input
Power Good Input. Detection of the Power Conditions
PG
12
Open Collector
Power Good Output. PG output is High when the Power Conditions are
OK
Tpg
11
Timing Capacitor
Adjustable Power Good Delay (Setting Capacitor)
REM
9
Logic Input
Input Remote Control of the Complete System by the Motherboard (
µCon-
troller). Remote is active high. Switch OFF/ON of the Power Supply. Reset
of the Complete System after a FAULT Activation.
Trem
10
Timing Capacitor
Adjustable Remote Delay (Setting Capacitor).
Vref
8
Voltage Reference
2.5V Reference for all Voltages
EP
4
Analog Input
Extra Protection Circuit. Can be used for -12V or -5V Over Voltage Protec-
tion.
Symbol
DC Supply Voltage
Value
Unit
Vcc
DC Supply Voltage 1
25
V
Iout
Output Current Power Good
30
mA
Io
Output current for the Voltage reference
20
mA
VFault
Fault Ouput
5
V
Pd
Power Dissipation
0.7
W
Tstg
Storage Temperature
-55 to 150
°C
ESD
Electrostatic Discharge
2
kV
Tuv
Adjustable Under voltage Blanking At Power UP
5
V
EP
Extra Protection
5
V
PI
Power Good Input
5
V
PG
Power Good Output
5
V
Tpg
Adjustable Power Good Delay
5
V
REM
Remote Control
5
V
Trem
Adjustable Remote Delay
5
V
1)
All voltage values, except differential voltage are with respect to network ground terminal.
Symbol
Parameter
Value
Unit
Vcc
DC Supply Conditions
4.5 to 24
V
Toper
Operating Free Air Temperature Range
0 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11