| Moteur de recherche de fiches techniques de composants électroniques |
|
M58WR032EB Fiches technique(PDF) 75 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M58WR032EB Fiches technique(HTML) 75 Page - STMicroelectronics |
|
75 / 81 page ![]() 75/81 M58WR032ET, M58WR032EB Quadruple Enhanced Factory Program Pseudo Code quad_efp_command(addressFlow,dataFlow,n) /* n is the number of pages to be programmed.*/ { /* Setup phase */ writeToFlash(addressFlow[0],0x75); for (i=0; i++; i< n){ /*Data Load Phase*/ /*First Data*/ writeToFlash(addressFlow[i],dataFlow[i,0]); /*at the first data of the first page, Quad-EFP may be aborted*/ if (First_Page) { status_register=readFlash(any_address); if (status_register.SR7==1){ /*EFP aborted for an error*/ if (status_register.SR4==1) /*program error*/ error_handler(); if (status_register.SR3==1) /*VPP invalid error*/ error_handler(); if (status_register.SR1==1) /*program to protect block er- ror*/ error_handler(); } } /*2nd data*/ writeToFlash(addressFlow[i],dataFlow[i,1]); /*3rd data*/ writeToFlash(addressFlow[i],dataFlow[i,2]); /*4th data*/ writeToFlash(addressFlow[i],dataFlow[i,3]); /* Program&Verify Phase */ do{ status_register=readFlash(any_address); /* E or G must be toggled*/ }while (status_register.SR0==1) } /* Exit Phase */ writeToFlash(another_block_address,FFFFh); /* status register polling */ do{ status_register=readFlash(any_address); /* E or G must be toggled */ } while (status_register.SR7==0); if (status_register.SR1==1) /*program to protected block error*/ error_handler(); if (status_register.SR3==1) /*VPP invalid error*/ error_handler(); if (status_register.SR4==1) /*program failure error*/ error_handler(); } } |