Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M58WR032ET Fiches technique(PDF) 75 Page - STMicroelectronics

No de pièce M58WR032ET
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032ET Fiches technique(HTML) 75 Page - STMicroelectronics

Back Button M58WR032ET Datasheet HTML 71Page - STMicroelectronics M58WR032ET Datasheet HTML 72Page - STMicroelectronics M58WR032ET Datasheet HTML 73Page - STMicroelectronics M58WR032ET Datasheet HTML 74Page - STMicroelectronics M58WR032ET Datasheet HTML 75Page - STMicroelectronics M58WR032ET Datasheet HTML 76Page - STMicroelectronics M58WR032ET Datasheet HTML 77Page - STMicroelectronics M58WR032ET Datasheet HTML 78Page - STMicroelectronics M58WR032ET Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 81 page
background image
75/81
M58WR032ET, M58WR032EB
Quadruple Enhanced Factory Program Pseudo Code
quad_efp_command(addressFlow,dataFlow,n)
/* n is the number of pages to be programmed.*/
{
/* Setup phase */
writeToFlash(addressFlow[0],0x75);
for (i=0; i++; i< n){
/*Data Load Phase*/
/*First Data*/
writeToFlash(addressFlow[i],dataFlow[i,0]);
/*at the first data of the first page, Quad-EFP may be aborted*/
if (First_Page) {
status_register=readFlash(any_address);
if (status_register.SR7==1){
/*EFP aborted for an error*/
if (status_register.SR4==1) /*program error*/
error_handler();
if (status_register.SR3==1) /*VPP invalid error*/
error_handler();
if (status_register.SR1==1) /*program to protect block er-
ror*/
error_handler();
}
}
/*2nd data*/
writeToFlash(addressFlow[i],dataFlow[i,1]);
/*3rd data*/
writeToFlash(addressFlow[i],dataFlow[i,2]);
/*4th data*/
writeToFlash(addressFlow[i],dataFlow[i,3]);
/* Program&Verify Phase */
do{
status_register=readFlash(any_address);
/* E or G must be toggled*/
}while (status_register.SR0==1)
}
/* Exit Phase */
writeToFlash(another_block_address,FFFFh);
/* status register polling */
do{
status_register=readFlash(any_address);
/* E or G must be toggled */
} while (status_register.SR7==0);
if (status_register.SR1==1) /*program to protected block error*/
error_handler();
if (status_register.SR3==1) /*VPP invalid error*/
error_handler();
if (status_register.SR4==1) /*program failure error*/
error_handler();
}
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81