| Moteur de recherche de fiches techniques de composants électroniques |
|
SS-R4M8F8-EP Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SS-R4M8F8-EP Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
|
|
1 / 1 page ![]() Proportional Relief Valves, High Pressure Part No. Part Description Stainless Steel High Pressure Proportional Relief Valve, 1/2 in. MNPT x 1/2 in. FNPT, Ethylene Propylene Seal SS-R4M8F8-EP Body Material 316 Stainless Steel Cleaning Process Standard Cleaning and Packaging (SC-10) Connection 1 Size 1/2 in. Connection 1 Type Male NPT Connection 2 Size 1/2 in. Connection 2 Type Female NPT eClass (4.1) 37010901 eClass (5.1.4) 37019901 eClass (6.0) 37010901 eClass (6.1) 37019901 UNSPSC (10.0) 40141606 UNSPSC (11.0501) 40141606 UNSPSC (13.0601) 40141606 UNSPSC (15.1) 40141606 UNSPSC (4.03) 40141606 UNSPSC (AirLiquide) G2203-99 UNSPSC (PGE) 401416AL UNSPSC (SWG01) 40141606 Specifications 2023 Copyright Swagelok Company The complete catalog contents must be reviewed to ensure that the system designer and user make a safe product selection. When selecting products, the total system design must be considered to ensure safe, trouble-free performance. Function, material compatibility, adequate ratings, proper installation, operation, and maintenance are the responsibilities of the system designer and user. ⚠ Warning: Do not mix/interchange Swagelok products or components not governed by industrial design standards, including Swagelok tube fitting end connections, with those of other manufacturers. General 3/28/2023 1:22:50 AM www.swagelok.com |
Numéro de pièce similaire - SS-R4M8F8-EP |
|
Description similaire - SS-R4M8F8-EP |