Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EX84 Fiches technique(PDF) 21 Page - List of Unclassifed Manufacturers

No de pièce EX84
Description  ExaGrid Tiered Backup Storage
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

EX84 Fiches technique(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button EX84 Datasheet HTML 17Page - List of Unclassifed Manufacturers EX84 Datasheet HTML 18Page - List of Unclassifed Manufacturers EX84 Datasheet HTML 19Page - List of Unclassifed Manufacturers EX84 Datasheet HTML 20Page - List of Unclassifed Manufacturers EX84 Datasheet HTML 21Page - List of Unclassifed Manufacturers EX84 Datasheet HTML 22Page - List of Unclassifed Manufacturers EX84 Datasheet HTML 23Page - List of Unclassifed Manufacturers EX84 Datasheet HTML 24Page - List of Unclassifed Manufacturers EX84 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
ExaGrid Detailed Product Description
20
Data Security
The data security capabilities in the ExaGrid product line, including optional enterprise-class Self- Encrypting
Drive (SED) technology, provide a high level of security for data at rest and can help reduce IT drive retirement
costs in the data center. All data on the disk drive is encrypted automatically without any action required by
users. Encryption and authentication keys are never accessible to outside systems where they can be stolen.
Unlike software-based encryption methods, SEDs typically have a better throughput rate, particularly during
extensive read operations.
Data can be encrypted during replication between ExaGrid systems. Encryption occurs on the sending
ExaGrid system, is encrypted as it traverses the WAN, and is decrypted at the target ExaGrid system. This
eliminates the need for a VPN to perform encryption across the WAN.
Active Directory Support
ExaGrid integrates with Windows Active Directory for centralized credentials management and authentication
that can be used to authenticate and authorize access to the ExaGrid management interface and backup
target shares.
Periodic Assessments Using a Network Vulnerability Scanner
A complete vulnerability assessment is run periodically against ExaGrid’s software. Vulnerabilities flagged by
this assessment are evaluated and tracked and mitigated as appropriate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30