Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M25PE80-VMP6TP Fiches technique(PDF) 52 Page - STMicroelectronics

No de pièce M25PE80-VMP6TP
Description  8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE80-VMP6TP Fiches technique(HTML) 52 Page - STMicroelectronics

Back Button M25PE80-VMP6TP Datasheet HTML 48Page - STMicroelectronics M25PE80-VMP6TP Datasheet HTML 49Page - STMicroelectronics M25PE80-VMP6TP Datasheet HTML 50Page - STMicroelectronics M25PE80-VMP6TP Datasheet HTML 51Page - STMicroelectronics M25PE80-VMP6TP Datasheet HTML 52Page - STMicroelectronics M25PE80-VMP6TP Datasheet HTML 53Page - STMicroelectronics M25PE80-VMP6TP Datasheet HTML 54Page - STMicroelectronics M25PE80-VMP6TP Datasheet HTML 55Page - STMicroelectronics M25PE80-VMP6TP Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
DC and AC parameters
M25PE80
52/61
Figure 26.
Serial input timing
Figure 27.
Top Sector Lock (T7Y process) or Write Protect (T9HX process) setup and hold
timing
1.
For the differences between devices produced in the two processes, see Important note on page 6.
C
D
AI01447C
S
MSB IN
Q
tDVCH
High Impedance
LSB IN
tSLCH
tCHDX
tCHCL
tCLCH
tSHCH
tSHSL
tCHSH
tCHSL
C
D
S
Q
High Impedance
TSL
tTHSL
tSHTL
AI3559
tWHSL
tSHWL
W
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61