| Moteur de recherche de fiches techniques de composants électroniques |
|
AP2M Fiches technique(PDF) 6 Page - IDEC Corporation |
|
|
|||||||||||||||||||||||||||||
AP2M Fiches technique(HTML) 6 Page - IDEC Corporation |
|
6 / 8 page ![]() 66 AP Series Miniature Pilot Lights Shape For Material Part No. Ordering No. Package Quantity Remarks Locking Ring Wrench ø16 Metal (nickel-plated brass) MT-001 MT-001 1 •Used to tighten the locking ring when installing an AP unit onto an panel. •Tighten the locking ring using a recom- mended tightening torque. ø12 MT-002 MT-002 1 ø10 MT-003 MT-003 1 ø8 MT-004 MT-004 1 Stainless steel MT-100 MT-100 1 •Used to remove the AC adapter, DC-DC converter, or flasher unit. Mounting Hole Plug ø16 Metal (diecast) Locking ring (polyacetal) AL-BM6 AL-BM6 1 •Degree of protection: IP65 Nitryl rubber (black) AL-B6 AL-B6PN05 5 •Degree of protection: IP65 ø12 Nitryl rubber (black) AL-B2 AL-B2PN05 5 •Degree of protection: IP65 ø10 Nitryl rubber (black) AL-B1 AL-B1PN05 5 •Degree of protection: IP65 ø8 Nitryl rubber (black) AL-B8 AL-B8PN05 5 •Degree of protection: IP65 Replacement Parts for AP6M/AP2M/AP1M Shape For Part No. Ordering No. Package Quantity Lens Color Code Lens AP6M Dome lens AP6M-L2➁ AP6M-L2➁PN05 5 A (amber), G (green), R (red), W (white), Y (yellow) (Note 1) Flat lens AP6M-L1➁ AP6M-L1➁PN05 5 A (amber), C (clear), G (green), R (red), Y (yellow) (Note 2) AP2M Dome lens AP2M-L2➁ AP2M-L2➁PN05 5 A (amber), G (green), R (red), W (white), Y (yellow) (Note 1) Flat lens AP2M-L1➁ AP2M-L1➁PN05 5 A (amber), C (clear), G (green), R (red), Y (yellow) (Note 2) AP1M Dome lens AP1M-L2➁ AP1M-L2➁PN05 5 A (amber), G (green), R (red), S (blue), W (white), Y (yellow) (Note 1) Flat lens AP1M-L1➁ AP1M-L1➁PN05 5 A (amber), C (clear), G (green), R (red), S (blue), Y (yellow) (Note 2) Marking Plate AP6M Flat lens AP6M-P1W AP6M-P1WPN05 5 White AP2M AP2M-P1W AP2M-P1WPN05 5 AP1M AP1M-PN1W AP1M-PN1WPN05 5 Diffusion Plate AP1M Dome lens AP1M-PN2W AP1M-PN2WPN05 5 White Terminal Cover AP6M AP2M AC adapter DC-DC converter Flasher unit AP-VL3 AP-VL3 1 Specify a lens color code in place of ➁ in the Ordering No. Note 1: On the dome lens, use a white (W) lens for pure white P(W) illumination. Note 2: On the flat lens, use a clear (C) lens for pure white (PW) illumination. Part No. Size MT-001 MT-002 MT-003 MT-004 ø18 ø14 ø12 ø9.5 Removal Tool 90 2 6 2.5 12.0 ø9 ø14 ø12 3 17.2 11.3 60 Accessories |