Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMP9377 Fiches technique(PDF) 2 Page - California Eastern Labs

No de pièce CMP9377
Description  Dual-Band 802.11 ac Plus Bluetooth Smart Ready Solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

CMP9377 Fiches technique(HTML) 2 Page - California Eastern Labs

  CMP9377 Datasheet HTML 1Page - California Eastern Labs CMP9377 Datasheet HTML 2Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ORDERING INFORMATION
Part Number
Description
CMP9377-SA
SDIO WLAN Module; Chip Antenna
CMP9377-SC
SDIO WLAN Module; Antenna Connector
CMP9377-UA
USB WLAN Module; Chip Antenna
CMP9377-UC
USB WLAN Module; Antenna Connector
CMP9377-S-
EVB
Evaluation Board for CMP9377-Sx
CMP9377-U-
EVB
Evaluation Board for CMP9377-Ux
CORPORATE OFFICE
Santa Clara, CA
WIRELESS CENTER OF EXCELLENCE
Buffalo Grove, IL
CONTACT US
wirelessmodules@cel.com
www.cel.com
408-919-2618
SDIO Module EVALUATION BOARD
PN:CMP9377-S-EVB
1.
SDIO Interface via Micro SD Card
2.
UART Bluetooth HCI interface
3.
Module I/O
4.
SDIO Module with dual-band antenna
USB Module EVALUATION BOARD
PN:CMP9377-U-EVB
1.
USB WLAN interface
2.
USB Bluetooth HCI interface
3.
Integrated dual-band antenna
4.
WLAN/BT Off Jumpers
5.
WLAN/BT On Jumpers
6.
USB Module
ABOUT CEL
California Eastern Laboratories (CEL) is a U.S.
based company with a 60+ year history of wireless
expertise. CEL assists customers in all phases of
wireless product development, from concept to
production. At our RF labs we can assist customers
with
certification
pre-scans,
RF
performance
analysis and antenna tuning.
CMP9377: Wi-Fi + BT Module
for Connected Platforms
© California Eastern Laboratories March 2019
2



Html Pages

1 2