| Moteur de recherche de fiches techniques de composants électroniques |
|
AD5764CSU Fiches technique(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5764CSU Fiches technique(HTML) 21 Page - Analog Devices |
|
21 / 27 page ![]() AD5764 Preliminary Technical Data Rev. PrC 21-Oct-04| Page 22 of 28 OFFSET REGISTER The Offset Register is addressed by setting the three REG bits to 101. The DAC address bits select with which DAC Channel the Data transfer is to take place (Refer to Table 7). The Offset Register is an 8-bit register and allows the user to adjust the offset of each channel by – 15.875 LSBs to + 16 LSBs in steps of 1/8 LSB as shown in Table 15 and Table 16. Table 15. Programming the Offset Register REG2 REG1 REG0 A2 A1 A0 D15 …. D8 D7 D6 D5 D4 D3 D2 D1 D0 1 0 1 DAC Address Don’t Care OF7 OF6 OF5 OF4 OF3 OF2 OF1 OF0 Table 16. Offset Register options Offset Adjustment OF7 OF6 OF5 OF4 OF3 OF2 OF1 OF0 +15.875 LSBs 0 0 0 0 0 0 0 0 +15.75 LSBs 0 0 0 0 0 0 0 1 - - - - - - - - No Adjustment 1 0 0 0 0 0 0 0 - - - - - - - - -15.875 LSBs 1 1 1 1 1 1 1 0 -16 LSBs 1 1 1 1 1 1 1 1 |