Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP2518FD Fiches technique(PDF) 14 Page - Microchip Technology

No de pièce MCP2518FD
Description  External CAN FD Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2518FD Fiches technique(HTML) 14 Page - Microchip Technology

Back Button MCP2518FD Datasheet HTML 10Page - Microchip Technology MCP2518FD Datasheet HTML 11Page - Microchip Technology MCP2518FD Datasheet HTML 12Page - Microchip Technology MCP2518FD Datasheet HTML 13Page - Microchip Technology MCP2518FD Datasheet HTML 14Page - Microchip Technology MCP2518FD Datasheet HTML 15Page - Microchip Technology MCP2518FD Datasheet HTML 16Page - Microchip Technology MCP2518FD Datasheet HTML 17Page - Microchip Technology MCP2518FD Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 96 page
background image
MCP2518FD
DS20006027A-page 14
 2019 Microchip Technology Inc.
220
C1FLTOBJ6
31:0
same as C1FLTOBJ0
224
C1MASK6
31:0
same as C1MASK0
228
C1FLTOBJ7
31:0
same as C1FLTOBJ0
22C
C1MASK7
31:0
same as C1MASK0
230
C1FLTOBJ8
31:0
same as C1FLTOBJ0
234
C1MASK8
31:0
same as C1MASK0
238
C1FLTOBJ9
31:0
same as C1FLTOBJ0
23C
C1MASK9
31:0
same as C1MASK0
240
C1FLTOBJ10
31:0
same as C1FLTOBJ0
244
C1MASK10
31:0
same as C1MASK0
248
C1FLTOBJ11
31:0
same as C1FLTOBJ0
24C
C1MASK11
31:0
same as C1MASK0
250
C1FLTOBJ12
31:0
same as C1FLTOBJ0
254
C1MASK12
31:0
same as C1MASK0
258
C1FLTOBJ13
31:0
same as C1FLTOBJ0
25C
C1MASK13
31:0
same as C1MASK0
260
C1FLTOBJ14
31:0
same as C1FLTOBJ0
264
C1MASK14
31:0
same as C1MASK0
268
C1FLTOBJ15
31:0
same as C1FLTOBJ0
26C
C1MASK15
31:0
same as C1MASK0
270
C1FLTOBJ16
31:0
same as C1FLTOBJ0
274
C1MASK16
31:0
same as C1MASK0
278
C1FLTOBJ17
31:0
same as C1FLTOBJ0
27C
C1MASK17
31:0
same as C1MASK0
280
C1FLTOBJ18
31:0
same as C1FLTOBJ0
284
C1MASK18
31:0
same as C1MASK0
288
C1FLTOBJ19
31:0
same as C1FLTOBJ0
28C
C1MASK19
31:0
same as C1MASK0
290
C1FLTOBJ20
31:0
same as C1FLTOBJ0
294
C1MASK20
31:0
same as C1MASK0
298
C1FLTOBJ21
31:0
same as C1FLTOBJ0
29C
C1MASK21
31:0
same as C1MASK0
2A0
C1FLTOBJ22
31:0
same as C1FLTOBJ0
2A4
C1MASK22
31:0
same as C1MASK0
2A8
C1FLTOBJ23
31:0
same as C1FLTOBJ0
2AC
C1MASK23
31:0
same as C1MASK0
2B0
C1FLTOBJ24
31:0
same as C1FLTOBJ0
2B4
C1MASK24
31:0
same as C1MASK0
2B8
C1FLTOBJ25
31:0
same as C1FLTOBJ0
2BC
C1MASK25
31:0
same as C1MASK0
2C0
C1FLTOBJ26
31:0
same as C1FLTOBJ0
2C4
C1MASK26
31:0
same as C1MASK0
2C8
C1FLTOBJ27
31:0
same as C1FLTOBJ0
2CC
C1MASK27
31:0
same as C1MASK0
2D0
C1FLTOBJ28
31:0
same as C1FLTOBJ0
2D4
C1MASK28
31:0
same as C1MASK0
2D8
C1FLTOBJ29
31:0
same as C1FLTOBJ0
2DC
C1MASK29
31:0
same as C1MASK0
2E0
C1FLTOBJ30
31:0
same as C1FLTOBJ0
2E4
C1MASK30
31:0
same as C1MASK0
2E8
C1FLTOBJ31
31:0
same as C1FLTOBJ0
2EC
C1MASK31
31:0
same as C1MASK0
TABLE 3-2:
CAN FD CONTROLLER MODULE REGISTER SUMMARY (CONTINUED)
Addr.
Name
Bit
31/23/15/7
Bit
30/22/14/6
Bit
29/21/13/5
Bit
28/20/12/4
Bit
27/19/11/3
Bit
26/18/10/2
Bit
25/17/9/1
Bit
24/16/8/0
Note 1: The lower order byte of the 32-bit register resides at the low-order address.
2: Reserved register reads 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96