Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC7404D Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74HC7404D
Description  5-Bit x 64-word FIFO register; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC7404D Fiches technique(HTML) 4 Page - NXP Semiconductors

  74HC7404D Datasheet HTML 1Page - NXP Semiconductors 74HC7404D Datasheet HTML 2Page - NXP Semiconductors 74HC7404D Datasheet HTML 3Page - NXP Semiconductors 74HC7404D Datasheet HTML 4Page - NXP Semiconductors 74HC7404D Datasheet HTML 5Page - NXP Semiconductors 74HC7404D Datasheet HTML 6Page - NXP Semiconductors 74HC7404D Datasheet HTML 7Page - NXP Semiconductors 74HC7404D Datasheet HTML 8Page - NXP Semiconductors 74HC7404D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
September 1993
4
Philips Semiconductors
Product specification
5-Bit x 64-word FIFO register; 3-state
74HC/HCT7404
Fig.3 Logic symbol.
Pin numbers between parentheses refer to the SO package.
handbook, halfpage
MGA673
16 (18)
2 (2)
15 (16)
14 (15)
13 (14)
12 (13)
11 (12)
1 (1)
(3) 3
10 (11)
(19) 17
(5) 4
(6) 5
(7) 6
(8) 7
(9) 8
DIR
D0
D1
D2
D3
D4
Q4
Q3
Q2
Q1
Q0
OE
SI
DOR
SO
MR
Fig.4 IEC logic symbol.
Pin numbers between parentheses refer to the SO package.
handbook, halfpage
MGA675
1 ( /C2)
CT = 0
5
<
CT
64
>
CT 0
CTR
5Z6
1Z3
EN4
G1
G5
[IR] 3
[OR] 6
FIFO 64 x 5
2D
4
16 (18)
2 (2)
15 (16)
14 (15)
13 (14)
12 (13)
11 (12)
(1) 1
(3) 3
(11) 10
(19) 17
(5) 4
(6) 5
(7) 6
(8) 7
(9) 8
Fig.5 Functional diagram.
Pin numbers between parentheses refer to the SO package.
handbook, full pagewidth
MGA680
16 (18)
2 (2)
1 (1)
3 (3)
(11) 10
17 (19)
DIR
OE
SI
DOR
SO
MR
(5) 4
(6) 5
(7) 6
(8) 7
(9) 8
D0
D1
D2
D3
D4
15 (16)
14 (15)
13 (14)
12 (13)
11 (12)
Q4
Q3
Q2
Q1
Q0
INPUT
STAGE
1 x 5 BITS
MAIN FIFO
REGISTER
62 x 5 BITS
CONTROL LOGIC
OUTPUT
STAGE
1 x 5 BITS
OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28