Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8270CVVFX Fiches technique(PDF) 72 Page - NXP Semiconductors

No de pièce MPC8270CVVFX
Description  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8270CVVFX Fiches technique(HTML) 72 Page - NXP Semiconductors

Back Button MPC8270CVVFX Datasheet HTML 68Page - NXP Semiconductors MPC8270CVVFX Datasheet HTML 69Page - NXP Semiconductors MPC8270CVVFX Datasheet HTML 70Page - NXP Semiconductors MPC8270CVVFX Datasheet HTML 71Page - NXP Semiconductors MPC8270CVVFX Datasheet HTML 72Page - NXP Semiconductors MPC8270CVVFX Datasheet HTML 73Page - NXP Semiconductors MPC8270CVVFX Datasheet HTML 74Page - NXP Semiconductors MPC8270CVVFX Datasheet HTML 75Page - NXP Semiconductors MPC8270CVVFX Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
72
Freescale Semiconductor
Pinout
PC5/SI2_L1ST3/FCC2_CTS
FCC2_UTM_TXCLAV/
FCC2_UTS_TXCLAV
AC252
PC6/FCC1_CD
FCC1_UTM_RXADDR2/
FCC1_UTS_RXADDR2/
FCC1_UTM_RXCLAV1
AB252
PC7/FCC1_CTS
FCC1_UTM_TXADDR2/
FCC1_UTS_TXADDR2/
FCC1_UTM_TXCLAV1
AA242
PC8/CD4/RENA4/SI2_L1ST2/CTS3/
USB_RN
FCC1_UT16_TXD0
Y242
PC9/CTS4/CLSN4/SI2_L1ST1/
L1TSYNCA2/L1GNTA2/USB_RP
FCC1_UT16_TXD1
U222
PC10/CD3/RENA3
FCC1_UT16_TXD2/FCC2_UT8_RXD3
V232
PC11/CTS3/CLSN3/L1TXD3A2
FCC2_UT8_RXD2
U232
PC12/CD2/RENA2
FCC1_UTM_RXADDR1/
FCC1_UTS_RXADDR1
T262
PC13/CTS2/CLSN2
FCC1_UTM_TXADDR1/
FCC1_UTS_TXADDR1
R262
PC14/CD1/RENA1
FCC1_UTM_RXADDR0/
FCC1_UTS_RXADDR0
P262
PC15/CTS1/CLSN1/SMTXD2
FCC1_UTM_TXADDR0/
FCC1_UTS_TXADDR0
P242
PC16/CLK16/TIN4
M262
PC17/CLK15/TIN3/BRGO8
L262
PC18/CLK14/TGATE2
M242
PC19/CLK13/BRGO7/SPICLK
L222
PC20/CLK12/TGATE1/USB_OE
K252
PC21/CLK11/BRGO6
J252
PC22/CLK10/DONE1
FCC1_UT_TXPRTY
G262
PC23/CLK9/BRGO5/DACK1
F262
PC24/CLK8/TOUT4
FCC2_UT8_TXD3
G242
PC25/CLK7/BRGO4
FCC2_UT8_TXD2
E252
PC26/CLK6/TOUT3/TMCLK
G232
PC27/FCC3_TXD/FCC3_MII_TXD0/
FCC3_RMII_TXD0/CLK5/BRGO3
B232
PC28/CLK4/TIN1/TOUT2/CTS2/CLSN2
FCC2_UT_RXADDR4
E222
PC29/CLK3/TIN2/BRGO2/CTS1/CLSN1
E212
PC30/CLK2/TOUT1
FCC2_UT8_TXD3
D212
Table 25. MPC8275 and MPC8270 (VR and ZQ Packages) Pinout List (continued)
Pin Name
Ball
MPC8275/MPC8270
MPC8275 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83