Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8280CVVIX Fiches technique(PDF) 48 Page - NXP Semiconductors

No de pièce MPC8280CVVIX
Description  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8280CVVIX Fiches technique(HTML) 48 Page - NXP Semiconductors

Back Button MPC8280CVVIX Datasheet HTML 44Page - NXP Semiconductors MPC8280CVVIX Datasheet HTML 45Page - NXP Semiconductors MPC8280CVVIX Datasheet HTML 46Page - NXP Semiconductors MPC8280CVVIX Datasheet HTML 47Page - NXP Semiconductors MPC8280CVVIX Datasheet HTML 48Page - NXP Semiconductors MPC8280CVVIX Datasheet HTML 49Page - NXP Semiconductors MPC8280CVVIX Datasheet HTML 50Page - NXP Semiconductors MPC8280CVVIX Datasheet HTML 51Page - NXP Semiconductors MPC8280CVVIX Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
48
Freescale Semiconductor
Pinout
A31
R4
TT0
F1
TT1
G4
TT2
G3
TT3
G2
TT4
F2
TBST
D3
TSIZ0
C1
TSIZ1
E4
TSIZ2
D2
TSIZ3
F5
AACK
F3
ARTRY
E1
DBG
V1
DBB/IRQ3
V2
D0
B20
D1
A18
D2
A16
D3
A13
D4
E12
D5
D9
D6
A6
D7
B5
D8
A20
D9
E17
D10
B15
D11
B13
D12
A11
D13
E9
D14
B7
D15
B4
D16
D19
D17
D17
Table 23. MPC8280 and MPC8270 (ZU and VV Packages) Pinout List (continued)
Pin Name
Ball
MPC8280/MPC8270
MPC8280 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83