Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC4516D Fiches technique(PDF) 13 Page - NXP Semiconductors

No de pièce 74HC4516D
Description  Binary up/down counter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4516D Fiches technique(HTML) 13 Page - NXP Semiconductors

Back Button 74HC4516D Datasheet HTML 6Page - NXP Semiconductors 74HC4516D Datasheet HTML 7Page - NXP Semiconductors 74HC4516D Datasheet HTML 8Page - NXP Semiconductors 74HC4516D Datasheet HTML 9Page - NXP Semiconductors 74HC4516D Datasheet HTML 10Page - NXP Semiconductors 74HC4516D Datasheet HTML 11Page - NXP Semiconductors 74HC4516D Datasheet HTML 12Page - NXP Semiconductors 74HC4516D Datasheet HTML 13Page - NXP Semiconductors 74HC4516D Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
December 1990
13
Philips Semiconductors
Product specification
Binary up/down counter
74HC/HCT4516
APPLICATION INFORMATION
Fig.12 Cascading counter packages (parallel clocking).
Terminal count (TC) lines at the 2nd, 3rd, etc. Stages may have a negative-going glitch pulse resulting from differential
delays of different 4516s. These negative-going glitches do not affect proper 4516 operation. However, if the terminal
count signals are used to trigger other edge-sensitive logic devices, such as flip-flops or counters, the terminal count
signals should be gated with the clock signal using a 2-input OR gate such as HC/HCT32.
Fig.13 Cascading counter packages (ripple clocking).
Ripple clocking mode: the UP/DN control can be changed at any count. The only restriction on changing the
UP/DN control is that the clock input to the first counting stage must be “HIGH”. For cascading counters operating in a
fixed up-count or down-count mode, the OR gates are not required between stages and TC is connected directly to the
CP input of the next stage with CE grounded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14