Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC4516 Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 74HC4516
Description  Binary up/down counter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4516 Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button 74HC4516 Datasheet HTML 4Page - NXP Semiconductors 74HC4516 Datasheet HTML 5Page - NXP Semiconductors 74HC4516 Datasheet HTML 6Page - NXP Semiconductors 74HC4516 Datasheet HTML 7Page - NXP Semiconductors 74HC4516 Datasheet HTML 8Page - NXP Semiconductors 74HC4516 Datasheet HTML 9Page - NXP Semiconductors 74HC4516 Datasheet HTML 10Page - NXP Semiconductors 74HC4516 Datasheet HTML 11Page - NXP Semiconductors 74HC4516 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
December 1990
8
Philips Semiconductors
Product specification
Binary up/down counter
74HC/HCT4516
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
INPUT
UNIT LOAD COEFFICIENT
Dn
PL, CE
UP/DN
CP
MR
0.75
1.00
1.00
1.25
1.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14