Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

768-141-R100-ND Fiches technique(PDF) 6 Page - CTS Corporation

No de pièce 768-141-R100-ND
Description  Surface Mount Resistor Network
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CTS [CTS Corporation]
Site Internet  http://www.ctscorp.com
Logo CTS - CTS Corporation

768-141-R100-ND Fiches technique(HTML) 6 Page - CTS Corporation

  768-141-R100-ND Datasheet HTML 1Page - CTS Corporation 768-141-R100-ND Datasheet HTML 2Page - CTS Corporation 768-141-R100-ND Datasheet HTML 3Page - CTS Corporation 768-141-R100-ND Datasheet HTML 4Page - CTS Corporation 768-141-R100-ND Datasheet HTML 5Page - CTS Corporation 768-141-R100-ND Datasheet HTML 6Page - CTS Corporation 768-141-R100-ND Datasheet HTML 7Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
©2017 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
768 Series
Surface Mount Resistor Network
DOC# 008-0350-0 Rev. F
Page 6 of 7
Addendum
Standard EIA Codes and Resistor Values – E-24 [3-Digit Resistor Code for G, F & D Tolerances]
CODE
OHMS
CODE
OHMS
CODE
OHMS
CODE
OHMS
CODE
OHMS
CODE
OHMS
000X 1
0
680
68
511
510
392
3,900
303
30,000
224
220,000
100
10
750
75
561
560
432
4,300
333
33,000
244
240,000
110
11
820
82
621
620
472
4,700
363
36,000
274
270,000
120
12
910
91
681
680
512
5,100
393
39,000
304
300,000
130
13
101
100
751
750
562
5,600
433
43,000
334
330,000
150
15
111
110
821
820
622
6,200
473
47,000
364
360,000
160
16
121
120
911
910
682
6,800
513
51,000
394
390,000
180
18
131
130
102
1,000
752
7,500
563
56,000
434
430,000
200
20
151
150
112
1,100
822
8,200
623
62,000
474
470,000
220
22
161
160
122
1,200
912
9,100
683
68,000
514
510,000
240
24
181
180
132
1,300
103
10,000
753
75,000
564
560,000
270
27
201
200
152
1,500
113
11,000
823
82,000
624
620,000
300
30
221
220
162
1,600
123
12,000
913
91,000
684
680,000
330
33
241
240
182
1,800
133
13,000
104
100,000
754
750,000
360
36
271
270
202
2,000
153
15,000
114
110,000
824
820,000
390
39
301
300
222
2,200
163
16,000
124
120,000
914
910,000
430
43
331
330
242
2,400
183
18,000
134
130,000
105
1,000,000
470
47
361
360
272
2,700
203
20,000
154
150,000
510
51
391
390
302
3,000
223
22,000
164
160,000
560
56
431
430
332
3,300
243
24,000
184
180,000
620
62
471
470
362
3,600
273
27,000
204
200,000
1. Include "X" in tolerance code.



Html Pages

1 2 3 4 5 6 7