Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C14 Fiches technique(PDF) 6 Page - CUI Devices

No de pièce C14
Description  PANEL MOUNT ENCODER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUID [CUI Devices]
Site Internet  https://www.cuidevices.com/
Logo CUID - CUI Devices

C14 Fiches technique(HTML) 6 Page - CUI Devices

  C14 Datasheet HTML 1Page - CUI Devices C14 Datasheet HTML 2Page - CUI Devices C14 Datasheet HTML 3Page - CUI Devices C14 Datasheet HTML 4Page - CUI Devices C14 Datasheet HTML 5Page - CUI Devices C14 Datasheet HTML 6Page - CUI Devices C14 Datasheet HTML 7Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CUI DEVICES | SERIES: C14 | DESCRIPTION: PANEL MOUNT ENCODER
date 08/05/2022 | page 6 of 7
cuidevices.com
MECHANICAL DRAWING, TERMINATION OPTIONS (CONTINUED)
CUIINC
CUIINC
units: mm
OPTION E: HORIZONTAL PCB
PCB Layout
tolerance: ±0.05
PCB Layout
tolerance: ±0.05
OPTION F: VERTICAL PCB
WATERPROOF MOUNTING
No.
Qty.
Component
1
1
waterproof washer
2
1
panel
3
1
toothed lock washer
4
1
nut
Note:
1. Protects against ingress of water (IP65) from front side of panel only.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7