Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95256-R Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce M95256-R
Description  256-Kbit serial SPI bus EEPROM with high-speed clock
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-R Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button M95256-R Datasheet HTML 42Page - STMicroelectronics M95256-R Datasheet HTML 43Page - STMicroelectronics M95256-R Datasheet HTML 44Page - STMicroelectronics M95256-R Datasheet HTML 45Page - STMicroelectronics M95256-R Datasheet HTML 46Page - STMicroelectronics M95256-R Datasheet HTML 47Page - STMicroelectronics M95256-R Datasheet HTML 48Page - STMicroelectronics M95256-R Datasheet HTML 49Page - STMicroelectronics M95256-R Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
Date
Revision
Changes
06-Mar-2017
21
Removed obsolete product M95256-DR.
Updated Features, Section 1: Description and Section 6: Instructions.
Updated Figure 1: Logic diagram, Figure 3: WLCSP connections (top view, marking side, with bumps on the
underside), Figure 4: Block diagram, Figure 6: SPI modes supported, Figure 8: Write Enable (WREN) sequence and
Figure 9: Write Disable (WRDI) sequence.
Updated Table 1: Signal names, tables in Section 6: Instructions and Table 11: AC measurement conditions.
Updated footnote 2 of Table 7: Absolute maximum ratings and added footnote 6 to Table 15: DC characteristics
(M95256-W, device grade 6).
Updated Section 10: Package information and its subsections.
28-Sep-2021
22
Added:
•
Table 2. Signals versus bump position
Updated:
•
Section 1 Description
•
Figure 4. Block diagram
•
Section 4 Connecting to the SPI bus
•
Figure 5. Bus master and memory devices on the SPI bus
•
Figure 16. Write Identification page sequence
•
Table 15. Capacitance
•
Table 19. AC characteristics
•
Section 11 Ordering information
Deleted:
•
Table 19. AC characteristics (M95256-W, device grade 6)
•
Table 20. AC characteristics (M95256-R, device grade 6)
M95256-W M95256-R M95256-DF
DS4712 - Rev 22
page 46/51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51