Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7993 Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD7993
Description  4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7993 Fiches technique(HTML) 2 Page - Analog Devices

  AD7993 Datasheet HTML 1Page - Analog Devices AD7993 Datasheet HTML 2Page - Analog Devices AD7993 Datasheet HTML 3Page - Analog Devices AD7993 Datasheet HTML 4Page - Analog Devices AD7993 Datasheet HTML 5Page - Analog Devices AD7993 Datasheet HTML 6Page - Analog Devices AD7993 Datasheet HTML 7Page - Analog Devices AD7993 Datasheet HTML 8Page - Analog Devices AD7993 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
AD7993/AD7994
Rev. 0 | Page 2 of 32
TABLE OF CONTENTS
AD7993 Specifications..................................................................... 3
AD7994 Specifications..................................................................... 5
I2C Timing Specifications ................................................................ 7
Absolute Maximum Ratings............................................................ 9
ESD Caution.................................................................................. 9
Pin Configuration and Pin Function Descriptions.................... 10
Terminology .................................................................................... 11
Typical Performance Characteristics ........................................... 12
Circuit Information ........................................................................ 15
Converter Operation.................................................................. 15
Typical Connection Diagram ................................................... 16
Analog Input ............................................................................... 16
Internal Register Structure ............................................................ 18
Address Pointer Register ........................................................... 18
Configuration Register .............................................................. 19
Conversion Result Register ....................................................... 20
Limit Registers ............................................................................ 20
Alert Status Register................................................................... 21
Cycle Timer Register.................................................................. 22
Sample Delay and Bit Trial Delay............................................. 22
Serial Interface ................................................................................ 23
Serial Bus Address...................................................................... 23
Writing to the AD7993/AD7994 .................................................. 24
Writing to the Address Pointer Register for a Subsequent
Read.............................................................................................. 24
Writing a Single Byte of Data to the Alert Status Register or
Cycle Register.............................................................................. 24
Writing Two Bytes of Data to a Limit or Hysteresis
Register ........................................................................................ 24
Reading Data from the AD7993/AD7994................................... 26
Alert/Busy Pin................................................................................. 27
SMBus Alert ................................................................................ 27
Busy .............................................................................................. 27
Placing the AD7993-1/AD7994-1 into High Speed Mode ... 27
The Address Select (AS) Pin ..................................................... 27
Modes of Operation ....................................................................... 28
Mode 1—Using the CONVST Pin ........................................... 28
Mode 2—Command Mode....................................................... 29
Mode 3—Automatic Cycle Interval Mode.............................. 30
Outline Dimensions ....................................................................... 31
Ordering Guide .......................................................................... 31
Related Parts in I2C-Compatible ADC Product Family........ 31
REVISION HISTORY
10/04—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32