Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM85C30-10 Fiches technique(PDF) 29 Page - Advanced Micro Devices

No de pièce AM85C30-10
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30-10 Fiches technique(HTML) 29 Page - Advanced Micro Devices

Back Button AM85C30-10 Datasheet HTML 25Page - Advanced Micro Devices AM85C30-10 Datasheet HTML 26Page - Advanced Micro Devices AM85C30-10 Datasheet HTML 27Page - Advanced Micro Devices AM85C30-10 Datasheet HTML 28Page - Advanced Micro Devices AM85C30-10 Datasheet HTML 29Page - Advanced Micro Devices AM85C30-10 Datasheet HTML 30Page - Advanced Micro Devices AM85C30-10 Datasheet HTML 31Page - Advanced Micro Devices AM85C30-10 Datasheet HTML 32Page - Advanced Micro Devices AM85C30-10 Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
AMD
29
Am85C30
D7
D6
D5
D4
D3
D2
D1
D0
WR7
′—SDLC/HDLC Programmable Enhancements*
SDLC/HDLC
Auto
RTS
Turnoff
SDLC/HDLC
Auto EOM
Reset
SDLC/HDLC
Auto
Tx Flag
Force TxD
High
DTR/REQ
Fast Mode
Rx comp.
CRC
Ext. Read
Enable
Must Be Set
to 0
*Note:
Options 3, 4, 5, and 6 may be used regardless of whether SDLC/HDLC mode is selected.
Table 5. SDLC/HDLC Enhancements Enabled
A/B
PNT2
PNT1
PNT0
Write
Read
0
0
0
0
WR0B
RR0B
0
0
0
1
WR1B
RR1B
0
0
1
0
WR2
RR2B
0
0
1
1
WR3B
RR3B
0
1
0
0
WR4B
RR4B (WR4B)
0
1
0
1
WR5B
RR5B (WR5B)
0
1
1
0
WR6B
(RR2B)
0
1
1
1
WR7B
(RR3B)
1
0
0
0
WR0A
RR0A
1
0
0
1
WR1A
RR1A
1
0
1
0
WR2
RR2A
1
0
1
1
WR3A
RR3A
1
1
0
0
WR4A
RR4A (WR4A)
1
1
0
1
WR5A
RR5A (WR5A)
1
1
1
0
WR6A
(RR2A)
1
1
1
1
WR7A
(RR3A)
With the Point High command:
A/B
PNT2
PNT1
PNT0
Write
Read
0
0
0
0
WR8B
RR8B
0
0
0
1
WR9
RR9 (WR3B)
0
0
1
0
WR10B
RR10B
0
0
1
1
WR11B
RR11B (WR10B)
0
1
0
0
WR12B
RR12B
0
1
0
1
WR13B
RR13B
0
1
1
0
WR14B
RR14B (WR7
′B)
0
1
1
1
WR15B
RR15B
1
0
0
0
WR8A
RR8A
1
0
0
1
WR9
RR9A (WR3A)
1
0
1
0
WR10A
RR10A
1
0
1
1
WR11A
RR11A (WR10A)
1
1
0
0
WR12A
RR12A
1
1
0
1
WR13A
RR13A
1
1
1
0
WR14A
RR14A (WR7A)
1
1
1
1
WR15A
RR15A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68